전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6674BCPZ-500 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD6674BCPZ-500
상세설명  385 MHz BW IF Diversity Receiver
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6674BCPZ-500 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD6674BCPZ-500 Datasheet HTML 7Page - Analog Devices AD6674BCPZ-500 Datasheet HTML 8Page - Analog Devices AD6674BCPZ-500 Datasheet HTML 9Page - Analog Devices AD6674BCPZ-500 Datasheet HTML 10Page - Analog Devices AD6674BCPZ-500 Datasheet HTML 11Page - Analog Devices AD6674BCPZ-500 Datasheet HTML 12Page - Analog Devices AD6674BCPZ-500 Datasheet HTML 13Page - Analog Devices AD6674BCPZ-500 Datasheet HTML 14Page - Analog Devices AD6674BCPZ-500 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
Data Sheet
AD6674
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD1 to AGND
1.32 V
AVDD1_SR to AGND
1.32 V
AVDD2 to AGND
2.75 V
AVDD3 to AGND
3.63 V
DVDD to DGND
1.32 V
DRVDD to DRGND
1.32 V
SPIVDD to AGND
3.63 V
AGND to DRGND
−0.3 V to +0.3 V
VIN±x to AGND
3.2 V
SCLK, SDIO, CSB to AGND
−0.3 V to SPIVDD + 0.3 V
PDWN/STBY to AGND
−0.3 V to SPIVDD + 0.3 V
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−40°C to +115°C
Storage Temperature Range
(Ambient)
−60°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Typical θJA, ΨJB, and θJC are specified vs. the number of printed
circuit board (PCB) layers in different airflow velocities (in
m/sec). Airflow increases heat dissipation, effectively reducing
θJA and ΨJB. In addition, metal in direct contact with the package
leads and exposed pad from metal traces, through holes, ground,
and power planes reduces the θJA. Thermal performance for
actual applications requires careful inspection of the conditions
in an application. The use of appropriate thermal management
techniques is recommended to ensure that the maximum
junction temperature does not exceed the limits shown in Table 6.
Table 7. Thermal Resistance Values
PCB
Type
Airflow
Velocity
(m/sec)
θJA
ΨJB
θJC_TOP
θJC_BOT
Unit
JEDEC
2s2p
Board
0.0
17.81, 2
6.31, 3
4.71, 5
1.21, 5
°C/W
1.0
15.61, 2
5.91, 3
N/A4
°C/W
2.5
15.01, 2
5.71, 3
N/A4
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2s2p test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per JEDEC JESD51-8 (still air).
4
N/A means not applicable.
5
Per MIL-STD 883, Method 1012.1.
ESD CAUTION
Rev. B | Page 11 of 91


유사한 부품 번호 - AD6674BCPZ-500

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6674BCPZ-500 AD-AD6674BCPZ-500 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
More results

유사한 설명 - AD6674BCPZ-500

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com