전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8283 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8283
상세설명  6-Channel LNA/PGA/AAF with ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8283 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8283_15 Datasheet HTML 5Page - Analog Devices AD8283_15 Datasheet HTML 6Page - Analog Devices AD8283_15 Datasheet HTML 7Page - Analog Devices AD8283_15 Datasheet HTML 8Page - Analog Devices AD8283_15 Datasheet HTML 9Page - Analog Devices AD8283_15 Datasheet HTML 10Page - Analog Devices AD8283_15 Datasheet HTML 11Page - Analog Devices AD8283_15 Datasheet HTML 12Page - Analog Devices AD8283_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
AD8283
Rev. C | Page 9 of 27
Pin No.
Name
Description
27
AVDD33D
3.3 V Analog Supply, Channel D.
28
IND−
Negative LNA Analog Input for Channel D.
29
IND+
Positive LNA Analog Input for Channel D.
30
AVDD33E
3.3 V Analog Supply, Channel E.
31
INE−
Negative LNA Analog Input for Channel E.
32
INE+
Positive LNA Analog Input for Channel E.
33
AVDD33F
3.3 V Analog Supply, Channel F.
34
INF−
Negative LNA Analog Input for Channel F.
35
INF+
Positive LNA Analog Input for Channel F.
36
NC
No Connect, Pin can be tiedto any potential.
37
NC
No Connect. Pin can be tiedto any potential.
38
INADC−
Negative Analog Input for Alternate Channel F (ADC Only).
39
INADC+
Positive Analog Input for Alternate Channel F (ADC Only).
40
AVDD18
1.8 V Analog Supply.
41
AVDD18ADC
1.8 V Analog Supply, ADC.
42
TEST3
Pin should not be used; tie to ground.
43
ANOUT
Analog Outputs (Debug Purposes Only). Pinshould be floated.
44
APOUT
Analog Outputs (Debug Purposes Only). Pinshould be floated.
45
BAND
Band Gap Voltage (Debug Purposes Only). Pinshould be floated.
46
RBIAS
External resistor to set the internal ADC core bias current.
47
VREF
Voltage Reference Input/Output.
48
AVDD33REF
3.3 V Analog Supply, References.
49
DVDD33CLK
3.3 V Digital Supply, Clock.
50
CLK−
Clock Input Complement.
51
CLK+
Clock Input True.
52
DVDD18CLK
1.8 V Digital Supply, Clock.
53
TEST4
Pin should not be used; tie to ground.
54
NC
No Connect. Pin can be tiedto any potential.
55
NC
No Connect. Pin can be tiedto any potential.
56
DVDD33DRV
3.3 V Digital Supply, Output Driver.
57
D11
ADC Data Out (MSB).
58
D10
ADC Data Out.
59
D9
ADC Data Out.
60
D8
ADC Data Out.
61
D7
ADC Data Out.
62
D6
ADC Data Out.
63
D5
ADC Data Out.
64
D4
ADC Data Out.
65
D3
ADC Data Out.
66
D2
ADC Data Out.
67
D1
ADC Data Out.
68
D0
ADC Data Out (LSB).
69
NC
No Connect. Pin should be left open.
70
NC
No Connect. Pin should be left open.
71
DVDD33DRV
3.3 V Supply, Output Driver.
72
NC
No Connect. Pin can be tiedto any potential.


유사한 부품 번호 - AD8283_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
More results

유사한 설명 - AD8283_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
AD8283 AD-AD8283 Datasheet
578Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com