전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8285 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8285
상세설명  6-Channel LNA/PGA/AAF with ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8285 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8285 Datasheet HTML 4Page - Analog Devices AD8285 Datasheet HTML 5Page - Analog Devices AD8285 Datasheet HTML 6Page - Analog Devices AD8285 Datasheet HTML 7Page - Analog Devices AD8285 Datasheet HTML 8Page - Analog Devices AD8285 Datasheet HTML 9Page - Analog Devices AD8285 Datasheet HTML 10Page - Analog Devices AD8285 Datasheet HTML 11Page - Analog Devices AD8285 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 8 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
DSYNC
PDWN
DVDD18
SCLK
SDIO
CS
AUX
MUXA
ZSEL
TEST1
TEST2
DVDD33SPI
AVDD18
AVDD33A
INA–
17
INA+
18
NC
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
NC
TEST4
DVDD18CLK
CLK+
CLK–
DVDD33CLK
AVDD33REF
VREF
RBIAS
BAND
APOUT
ANOUT
TEST3
AVDD18ADC
AVDD18
INADC+
INADC–
NC
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PADDLE SHOULD BE TIED TO ANALOG/DIGITAL GROUND PLANE.
PIN 1
INDICATOR
AD8283
(TOP VIEW)
Figure 3.
Table 6. Pin Function Descriptions
Pin No.
Name
Description
0
GND
Ground. Exposed paddle on the bottom side; should be tied to the analog/digital ground plane.
1
NC
No Connection. Pin can be tiedto any potential.
2
DSYNC
Data Out Synchronization.
3
PDWN
Full Power-Down. Logic high overrides SPI and powers down the part, logic low allows selectionthrough SPI.
4
DVDD18
1.8 V Digital Supply.
5
SCLK
Serial Clock.
6
SDIO
Serial Data Input/Output.
7
CS
Chip Select Bar.
8
AUX
Logic high forces to Channel ADC (INADC+/INADC−); AUX has a higher priority than MUXA.
9
MUXA
Logic high forces to Channel A unless AUX is asserted.
10
ZSEL
Input Impedance Select. Logic high overrides SPI and sets it to 200 kΩ; logic low allows selectionthrough SPI.
11
TEST1
Pin should not be used; tie to ground.
12
TEST2
Pin should not be used; tie to ground.
13
DVDD33SPI
3.3 V Digital Supply, SPI Port.
14
AVDD18
1.8 V Analog Supply.
15
AVDD33A
3.3 V Analog Supply, Channel A.
16
INA−
Negative LNA Analog Input for Channel A.
17
INA+
Positive LNA Analog Input for Channel A.
18
NC
No Connect. Pin can be tiedto any potential.
19
NC
No Connect. Pin can be tiedto any potential.
20
NC
No Connect. Pin can be tiedto any potential.
21
AVDD33B
3.3 V Analog Supply, Channel B.
22
INB−
Negative LNA Analog Input for Channel B.
23
INB+
Positive LNA Analog Input for Channel B.
24
AVDD33C
3.3 V Analog Supply, Channel C.
25
INC−
Negative LNA Analog Input for Channel C.
26
INC+
Positive LNA Analog Input for Channel C.


유사한 부품 번호 - AD8285

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285 AD-AD8285 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD8285CP-EBZ AD-AD8285CP-EBZ Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285CP-EBZ AD-AD8285CP-EBZ Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD8285WBCPZ AD-AD8285WBCPZ Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
More results

유사한 설명 - AD8285

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
AD8283 AD-AD8283 Datasheet
578Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com