전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ12008 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LMZ12008
상세설명  SIMPLE SWITCHER Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ12008 데이터시트(HTML) 1 Page - Texas Instruments

  LMZ12008_16 Datasheet HTML 1Page - Texas Instruments LMZ12008_16 Datasheet HTML 2Page - Texas Instruments LMZ12008_16 Datasheet HTML 3Page - Texas Instruments LMZ12008_16 Datasheet HTML 4Page - Texas Instruments LMZ12008_16 Datasheet HTML 5Page - Texas Instruments LMZ12008_16 Datasheet HTML 6Page - Texas Instruments LMZ12008_16 Datasheet HTML 7Page - Texas Instruments LMZ12008_16 Datasheet HTML 8Page - Texas Instruments LMZ12008_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
VIN
CIN
3 x 10 PF
RFBT
CFF 4.7 nF (OPT)
See Table
CSS
0.47 PF
(OPT)
RFBB
See Table
COUT
2 x 330 PF
LMZ12008
VOUT
Enable
0
2
4
6
8
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6Vin
8Vin
10Vin
12Vin
16Vin
20Vin
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMZ12008
SNVS716H – MARCH 2011 – REVISED FEBRUARY 2016
LMZ12008 8-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage
1
1 Features
1
Integrated Shielded Inductor
Simple PCB Layout
Fixed Switching Frequency (350kHz)
Flexible Start-up Sequencing Using External Soft-
start, Tracking and Precision Enable
Protection Against Inrush Currents and Faults
such as Input UVLO and Output Short Circuit
Junction Temperature Range –40°C to 125°C
Single Exposed Pad and Standard Pinout for Easy
Mounting and Manufacturing
Fully Enabled for WEBENCH® Power Designer
Pin Compatible With LMZ22010/08/06,
LMZ12010/06, LMZ23610/08/06, and
LMZ13610/08/06
Electrical Specifications
40-W Maximum Total Output Power
Up to 8-A Output Current
Input Voltage Range 6 V to 20 V
Output Voltage Range 0.8 V to 6 V
Efficiency up to 92%
Performance Benefits
High Efficiency Reduces System Heat
Generation
Low Radiated Emissions (EMI) Tested to
EN55022
NOTE:
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B,
tested on Evaluation Board with EMI configuration
Only 7 External Components
Low Output Voltage Ripple
No External Heat Sink Required
2 Applications
Point-of-load Conversions from 12-V Input Rail
Time-Critical Projects
Space Constrained / High Thermal Requirement
Applications
Negative Output Voltage Applications
See AN-2027 SNVA425.
3 Description
The LMZ12008 SIMPLE SWITCHER® power module
is an easy-to-use step-down DC-DC solution capable
of driving up to 8-A load. The LMZ12008 is available
in an innovative package that enhances thermal
performance
and
allows
for
hand
or
machine
soldering.
The LMZ12008 can accept an input voltage rail
between 6 V and 20 V and can deliver an adjustable
and highly accurate output voltage as low as 0.8 V.
The LMZ12008 only requires two external resistors
and external capacitors to complete the power
solution. The LMZ12008 is a reliable and robust
design with the following protection features: thermal
shutdown, programmable input undervoltage lockout,
output overvoltage protection, short circuit protection,
output current limit, and the device allows start-up
into a prebiased output.
Device Information(1)(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMZ12008
NDY (11)
15.00 mm × 15.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Peak reflow temperature equals 245°C. See SNAA214 for
more details.
Simplified Application Schematic
Efficiency 3.3-V Output at 25°C


유사한 부품 번호 - LMZ12008_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ12008 TI-LMZ12008_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ12008 8-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results

유사한 설명 - LMZ12008_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LMZ20502 TI1-LMZ20502_16 Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com