전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES5 데이터시트(PDF) 3 Page - Cyrustek corporation

부품명 ES5
상세설명  True RMS-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5 데이터시트(HTML) 3 Page - Cyrustek corporation

  ES5 Datasheet HTML 1Page - Cyrustek corporation ES5 Datasheet HTML 2Page - Cyrustek corporation ES5 Datasheet HTML 3Page - Cyrustek corporation ES5 Datasheet HTML 4Page - Cyrustek corporation ES5 Datasheet HTML 5Page - Cyrustek corporation ES5 Datasheet HTML 6Page - Cyrustek corporation ES5 Datasheet HTML 7Page - Cyrustek corporation ES5 Datasheet HTML 8Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ver 1.1
14/10/21
3
ES5
True RMS-to-DC Converter
Electrical Characteristics
(TA= +25℃, Vs = +3V, -Vs = -3V, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP MAX
UNITS
Transfer Equation
VOUT = [avg.(VIN)2]1/2
Averaging Time Constant
Figure 3
25
ms/μF CAV
CONVERSION ACCURACY
Total Error, Internal Trim
(Notes 1,2)
±0.5
±1.0
mV ±% of
Reading
Total Error vs. Temperature
(-40℃ to + 85℃)
±0.1
±0.01
mV ±% of
Reading/℃
Total Error vs. Supply
+VIN=300mV
- VIN=-300mV
30
100
150
300
μ
V ±% of
DC Reversal Error
Vin= 600mV
±0.3
±% of
Reading
Total Error, External Trim
(Note 1)
±0.25
±0.1
mV ±% of
Reading
ERROR vs. CREST FACTOR
Additional Error (Note 3)
Crest Factor 1 to 2
Crest Factor = 3
Crest Factor = 6
Specified Accuracy
±0.1
±0.5
±% of
Reading
FREQUENCY RESPONSE (Note 2,4)
Bandwidth for 1% Additional
Error (0.09dB)
VIN =10mV
VIN =100mV
VIN =600mV
11
90
200
KHz
KHz
KHz
±3dB Bandwidth
VIN =10mV
VIN =100mV
VIN =600mV
130
1
3
KHz
MHz
MHz
INPUT CHARACTERISTICS
Input Signal range
Continuous RMS, All Supplies
0 to 600
mVRMS
Peak Transient
±3.0V Supplies
±5V Supplies
2.2
5.0
VPK
Input Resistance
6
Input Offset Voltage
±0.5
mV
OUTPUT CHARACTERISTICS (Note 1)
Offset Voltage (Vin=COM)
TA=+25℃
±0.5
mV
TA =-40~85 ℃
±0.1
m
V/℃
Output Voltage Swing
+3V, -3V Supplies
2.2
V
Output Current
5
mA
Short-Circuit Current
18
mA
Output Resistance
Chip Select High
Chip Select Low
0.5
100
Ω
DENOMINATIOR INPUT
Input Range
0 to 2
V
Input Resistance
25
Offset Voltage
±0.2
V
BUFFER AMPLIFIER
Input and Output Voltage
Range
-Vs to (+Vs-1.8V)
V
Input Offset Voltage
±0.8
±1.5
mV
Input Current
±50
nA
Input Resistance
108
Ω
Output Current
5
mA
Short-Circuit Current
20
mA
Small-Signal Bandwidth
1
MHz
Slew Rate (Note 5)
5
V/μs


유사한 부품 번호 - ES5

제조업체부품명데이터시트상세설명
logo
Japan Aviation Electron...
ES5 JAE-ES5 Datasheet
505Kb / 9P
   Detachable locking structure (connector retention strength: 16N min.)
logo
Ecliptek Corporation
ES51 ECLIPTEK-ES51 Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5106E CYRUSTEK-ES5106E Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results

유사한 설명 - ES5

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
AD536AJHZ AD-AD536AJHZ Datasheet
558Kb / 17P
   Integrated Circuit True RMS-to-DC Converter
Rev. E
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
AD536A AD-AD536A Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
AD636 AD-AD636_13 Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com