전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAV-581 데이터시트(PDF) 3 Page - Mini-Circuits

부품명 TAV-581
상세설명  E-PHEMT 0.45-6GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TAV-581 데이터시트(HTML) 3 Page - Mini-Circuits

  TAV-581 Datasheet HTML 1Page - Mini-Circuits TAV-581 Datasheet HTML 2Page - Mini-Circuits TAV-581 Datasheet HTML 3Page - Mini-Circuits TAV-581 Datasheet HTML 4Page - Mini-Circuits TAV-581 Datasheet HTML 5Page - Mini-Circuits TAV-581 Datasheet HTML 6Page - Mini-Circuits TAV-581 Datasheet HTML 7Page - Mini-Circuits TAV-581 Datasheet HTML 8Page - Mini-Circuits TAV-581 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
E-PHEMT
TAV-581+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 11
Fig 2. Test Board used for characterization, Mini-Circuits P/N TB-154 (Material: Rogers 4350, Thickness: 0.02”)
Fig 1. Block Diagram of Test Circuit used for characterization. (DUT soldered on Mini-Circuits Test Board TB-154)
Gain, Output power at 1dB compression (P1 dB) and output IP3 (OIP3) are measured using R&S Network Analyzer ZVA-24.
Noise Figure measured using Agilent’s Noise Figure meter N8975A and noise source N4000A.
Conditions:
1. Drain voltage (with reference to source, VDS)= 3 or 4V as shown.
2. Gate Voltage (with reference to source, VGS) is set to obtain desired Drain-Source current (IDS) as shown in graphs or specification table.
3. Gain: Pin= -25dBm
4. Output IP3 (OIP3): Two tones, spaced 1 MHz apart, 0 dBm/tone at output.
5. No external matching components used.
Characterization Test Circuit


유사한 부품 번호 - TAV-581

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
TAV-541 MINI-TAV-541 Datasheet
596Kb / 13P
   E-PHEMT 0.45-6GHz
TAV-551 MINI-TAV-551 Datasheet
590Kb / 13P
   E-PHEMT 0.45-6GHz
More results

유사한 설명 - TAV-581

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
SAV-551 MINI-SAV-551 Datasheet
582Kb / 13P
   E-PHEMT 0.45-6GHz
TAV-551 MINI-TAV-551 Datasheet
590Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-581 MINI-SAV-581 Datasheet
542Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-541 MINI-TAV-541 Datasheet
596Kb / 13P
   E-PHEMT 0.45-6GHz
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
RFHIC
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
   E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
AE616 RFHIC-AE616 Datasheet
352Kb / 8P
   E-pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com