전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSWX-26_16 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSWX-26_16
상세내용  SM Cylindrical Watch Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
01 May 1998
16 Jul 02
GSWX-26
SM Cylindrical Watch Crystal
GSWX-26
Option
Codes
2.00
(max)
6.10
(max)
1.00
2.50
2.50
6.00
1.75
1.54
SOLDER PAD LAYOUT
1.00
2.30
(max)
2.54
1.00
Features
Low cost
Formed leads for SM
Industrial temperature range
Miniature size for high density applications
Product
Parameters
Product name + option codes (if any) + circuit condition (if non-
standard)
eg: GSWX-26 ±20ppm 12.5pF (standard)
GSWX-26/A 8.0pF Straight leads, ±15ppm 8.0pF
Option code X (eg GSWX-26/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
Available on T&R - 2k pcs per reel.
Refer to our website for T&R and soldering details.
Frequency:
32.768kHz
Calibration tolerance:
±20ppm
±15ppm
A
±10ppm
D
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.034 ±0.006ppm/°C2 typ
Circuit condition:
12.5pF
8pF

specify
6pF

specify
Other values
specify
Static capacitance (C
0):
1.35pF typ
Motional capacitance (C
1):
3fF typ
Equivalent series resistance:
35kΩmax @ 25°C
Ageing (first year):
±1ppm typ, ±3ppm max
Drive level:
1.0μW max
Soldering condition:
240°C, 10 sec max
2011/65/EU




Html 페이지

1 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl