전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-1_15 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-1_15
상세내용  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
SM Crystal
GSX-1
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
29 Sep 2015
Variant
A
B
C
Features
Ceramic SM package
Fundamental mode up to 50.0MHz
Low cost for volume applications
Large stocks of standard frequencies
Option
Codes
Parameters
Product name + variant + option codes (if any) + frequency
+ circuit condition (if non-standard)
eg: GSX-1A/551DF 16.0MHz 50/50/10/16-F (standard)
GSX-1A/5C1S3 48.0MHz 50/100/10/S-3
Option code X (eg GSX-1/X) denotes a custom specification.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
GSX-1A:  2 pads, opposite ends
GSX-1B:  4 pads, diagonal connections
GSX-1C:  2 pads, 5.08mm pitch
Available on T&R - 2k pcs per reel.
Refer to our website for T&R and soldering details.
2011/65/EU
Package:
GSX-1A
GSX-1B
GSX-1C
Frequency range:
5.0 ~ 84.0MHz


Calibration tolerance:
±30ppm


3
±50ppm


5
Other (±20ppm ~ ±100ppm)


specify
Temperature stability:
±30ppm


3
±50ppm


5
±100ppm


C
±20ppm ~ ±100ppm


specify
Operating temperature range:
-10 to +60°C


1
-20 to +70°C


2
-40 to +85°C


4
other


specify
Circuit condition:
12pF


B
16pF


D
18pF


E
20pF


F
30pF


J
Series resonant


S
other values


specify
Oscillation mode:
Fundamental (6.0 ~ 50.0MHz)

F
3rd overtone (28.1 ~ 50.0MHz)


3
3rd overtone (50.1 ~ 67.0MHz)

3
Static capacitance (C
0):
7pF max


Equivalent series resistance (max):
80Ω (5.0 ~ 7.99MHz)


60Ω (8.0 ~ 9.99MHz, fund)


50Ω (10.0 ~ 15.99MHz, fund)


40Ω (16.0 ~ 50.0MHz, fund)


60Ω (28.0 ~ 84.0MHz, 3rd OT)


Ageing:
±5ppm max first year


Test drive level:
100μW


Soldering condition:
260°C, 10 sec x2 max






Html 페이지

1 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl