전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-200_16 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-200_16
상세내용  CM200C Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
CM200C Watch Crystal
GSX-200
12 Jul 2011
2.75
0.15
SOLDER PAD LAYOUT
4.20
1.30
1.30
1.90
1.30
1.90
43
12
TOP VIEW
0.90
2.43
5.50
2.50
(max)
3
4
12
7.90
±0.10
0.50
3.70
±0.10
3.40
Features
Compatible with MC-306, DMX-26S, FSRLF, E1WS,
SMQ32SL, RSM200S etc
Plastic moulded surface mount package
Miniature size for high density applications
Industrial operating temperature range
6pF version for Dallas RTC
2011/65/EU
32.768kHz
GSX-200
12.5pF
±20ppm
003-277
32.768kHz
GSX-200/D
6pF
±20ppm
MS07663
32.768kHz
GSX-200 ±05
12.5pF
±5ppm
MS06350
Option
Codes
GSX-200
Product
Parameters
Product name + option codes (if any)
eg: GSX-200 ±20ppm 12.5pF
GSX-200/D ±20ppm 6pF
Option code X (eg GSX-200/X) denotes a custom specification.
Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Specifications
Frequency:
32.768kHz
Calibration tolerance:
±20ppm
±5 ~ ±100ppm
specify
Temperature stability:
-50ppm (-10 to +60°C)
-130ppm (-30 to +80°C)
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.034±0.006ppm/°C2 typ
Circuit condition:
12.5pF
6pF

D
Static capacitance (C
0):
1.35pF typ
Motional capacitance (C
1):
3.0fF typ
Equivalent series resistance (max):
50k °
Ageing:
±3ppm max first year
Drive level:
1.0μW typ
Shock resistance:
±5ppm max
Soldering conditions:
260°C, 10sec max
Available on T&R - 3k pcs per reel.
Also available at frequencies from 30.0 ~ 100kHz
Standard Models
The table shows the most common models. We hold huge
stocks of these items at all times for immediate delivery at
extremely competitive pricing.
Frequncy
Description
Load
Calibration
Part No
capacitance
tolerance
(MPN)




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl