전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-221_15 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-221_15
상세내용  SM Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
SM Crystal
GSX-221
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
12 May 2015
SOLDER PAD LAYOUT
TOP VIEW
2.00
±0.10
1.60
±0.10
0.55
(max)
0.64
0.50
0.80
0.30
0.80
0.90
0.90
0.50
12
43
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
1
4
2
3
Part No, or product name + option codes + frequency
eg: GSX-221/111NF 26.0MHz 10/10/10/9-F
GSX-221/1P3BF 26.0MHz 10/15/30/12-F
Option code X (eg GSX-221/X) denotes a custom specification.
Ordering Information
±10ppm temperature stability may not be available over -30+80°C.
Check with our sales office before ordering.
Product
GSX-221
Option
Codes
Parameters
Standard. Optional - Please specify required code(s) when ordering
Specifications
Features
Ultra-miniature for maximum space saving
Ideal for Bluetooth / Wireless applications
High reliability & tight stability
Metal lid can be grounded to minimise EMI
Seam sealed for excellent long-term stability
Frequency range:
16.0 ~ 56.0MHz
Calibration tolerance:
±10ppm
1
±15ppm
P
±20ppm
2
Other values (±7.5 ~ ±100ppm)
specify
Temperature stability:
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values (±7.5 ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
8pF
M
9pF
N
12pF
B
Other values
specify
Oscillation mode:
Fundamental

F
Equivalent series resistance (max):
150Ω (16.0 ~ 19.9MHz)
100Ω (20.0 ~ 29.9MHz)
80Ω (30.0 ~ 35.9MHz)
60Ω (36.0 ~ 56.0MHz)
Ageing:
±3ppm max first year
Static capacitance (C0):
5pF max
Test drive level:
10μW typ
Soldering condition:
260°C, 10 sec x2 max
2011/65/EU




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl