전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-315 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-315
상세내용  SM Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Watch Crystal
GSX-315
05 Jan 2016
1.65
3.20
±0.10
1.50
±0.10
SOLDER PAD LAYOUT
1.60
TOP VIEW
1.55
1.00
1.00
0.90
(max)
Features
Miniature ceramic package with metal lid
Vacuum seal for excellent long-term stability
Low cost for volume applications
Low power consumption
Specifications
Product name + calibration tolerance + load capacitance
eg: GSX-315 ±20ppm 12.5pF
GSX-315 ±100ppm 9pF
Option code X (eg GSX-315/X) denotes a custom spec.
Ordering Information
GSX-315
Parameters
Product
Option
Code
Standard. Optional - Please specify required code(s) when ordering
Frequency:
32.768kHz
Calibration tolerance:
±20ppm
other
specify
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Circuit condition:
6pF
specify
7pF
specify
9pF
specify
12.5pF
Other values
specify
Static capacitance (C
0):
2.0pF max
Motional capacitance (C
1):
3.0fF min
Equivalent series resistance:
50kΩ typ, 70kΩ max @ 25°C
Ageing:
±3ppm max first year
Drive level: 0.1μW typ, 0.5μW max
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.04ppm/°C2 max
Soldering condition:
Reflow, 260°C, 20 sec max
2011/65/EU




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl