전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSX-323 데이터시트(PDF) 2 Page - Golledge Electronics Ltd

부품명 GSX-323
상세설명  SM Crystal for Wireless
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-323 데이터시트(HTML) 2 Page - Golledge Electronics Ltd

  GSX-323_15 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-323_15 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Information
GSX-323
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
06 Nov 2013
Composition
Construction
Ceramic body with gold-plated pads
Metal lid, seam sealed
Tape & Reel Specification
2.0
1.75
1.5Ø
8.0
±0.3
2.25
3.5
±0.05
8.4
13Ø
178Ø
±1.0
60Ø
±1.0
1.2
2.50
20.5Ø
±0.2
120°
2.0
FEED
+0.6
-0.4
2.7
0.3
±0.05
1.0Ø
1.5
±0.3
Soldering Profile
Production quantities supplied on T&R, 3k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Not to scale. Dimensional tolerances ±0.1mm unless otherwise stated.
Maximum solder resistance: 260°C x 10 secs x 2.
FREQUENCY
T DC
Marking type: Laser
DC = Date code in WY, as shown below
Example:  “dJ” = 2013 week 30
Marking
Week codes:
A ~ Z: weeks 1 to 26
a ~ z: weeks 27 to 52
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS directive 2011/65/EC
2011/65/EU
200
100
0
°C
Time
5°C/s max
5°C/s max
60~90s max
50~60s max
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown
Year
2013
2017
2014
2018
2015
2019
2016
2020
Code
J
J
J
J


유사한 부품 번호 - GSX-323_15

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
GSX-323111NF GOLLEDGE-GSX-323111NF Datasheet
83Kb / 2P
   SM crystal for Bluetooth / wireless
More results

유사한 설명 - GSX-323_15

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
GSX-223 GOLLEDGE-GSX-223 Datasheet
166Kb / 2P
   SM Crystal for Wireless
GSX-321 GOLLEDGE-GSX-321 Datasheet
168Kb / 2P
   SM Crystal for Wireless
GSX433 GOLLEDGE-GSX433 Datasheet
113Kb / 2P
   SM Crystal for Bluetooth / Wireless
GSX533 GOLLEDGE-GSX533 Datasheet
112Kb / 2P
   SM Crystal for Bluetooth / wireless
GSX333 GOLLEDGE-GSX333 Datasheet
86Kb / 2P
   SM crystal for Bluetooth / Wireless
GSX323 GOLLEDGE-GSX323 Datasheet
83Kb / 2P
   SM crystal for Bluetooth / wireless
CC2A-T1AH GOLLEDGE-CC2A-T1AH_18 Datasheet
554Kb / 5P
   SM Crystal for extreme environments
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
   SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
   SM Crystal
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com