전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-530 데이터시트(Datasheet) 2 Page - Golledge Electronics Ltd

부품명 GSX-530
상세내용  SM Crystal - High Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 2 page
background image
Product Information
GSX-530
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Composition
Construction
Ceramic body with gold-plated pads
Metal lid, seam sealed
Soldering Profile
Maximum solder resistance: 260°C x 10 secs x 2.
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS 2 directive 2011/65/EC
2011/65/EU
200
100
0
°C
Time
5°C/s max
5°C/s max
90s max
40s max
260°C ±5°C
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown
200s max
Tape & Reel Specification
4.0
1.75
12.0
±0.2
8.0
3.5
5.5
±0.05
2.2
12.4
13Ø
180Ø
62Ø
2.0
20.2Ø
120°
2.0
FEED
+2.0
-0.0
0.3
±0.05
5.3
1.1
1.50Ø
±0.05
Production quantities supplied on T&R, 1k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Not to scale. Dimensional tolerances ±0.1mm unless otherwise stated.
FREQUENCY
DC
Marking type: Laser
DC = Date code in YM, eg “EB” = Feb 2015
Marking
A
B
C
D
E
F
G
H
J
K
L
M
Y
1
2
3
4
5
6
7
8
9
0
M Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec
04 Sep 2015
PHOTO NOT AVAILABLE




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl