전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-531_15 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-531_15
상세내용  SM Crystal - Metal Lid
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
04 Sep 2015
12
43
TOP VIEW
5.00
±0.15
3.20
±0.15
0.70
±0.20
2.60
1.40
1.30
1.00
1.30
1.60
1.60
2.20
SOLDER PAD LAYOUT
12
4
3
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
Features
Metal lid can be grounded to minimise EMI
Seam seal for excellent long-term stability
Tight specifications available
Ultra-miniature for maximum space saving
Product name + option codes + frequency
eg: GSX-531/111DF 12.80MHz 10/10/10/16-F
GSX-531/LP2JF 24.5760MHz 05/15/20/30-F
Option code X (eg GSX-531/X) denotes a custom specification.
Ordering Information
GSX-531
Option
Codes
Product
Parameters
Standard. Optional - Please specify required code(s) when ordering
Specifications
Frequency range:
8.0 ~ 100MHz
Calibration tolerance:
±5ppm
L
±10ppm
1
±20ppm
2
±30ppm
3
Other values
specify
Temperature stability:
±5ppm

L
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values
specify
Operating temperature range:
0 to +50°C

0
-10 to +60°C

1
-20 to +70°C

2
-30 to +80°C

3
-40 to +85°C

4
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
9pF

N
12pF
B
16pF
D
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental (8.0 ~ 54.0MHz)

F
3rd overtone (40.0 ~ 100MHz)
3
Static capacitance (C
0):
7pF max
Equivalent series resistance:
60Ω (8.0 ~ 10.9MHz)
50Ω (11.0 ~ 11.9MHz)
40Ω (12.0 ~ 24.9MHz)
30Ω (25.0 ~ 54.0MHz, fund)
120Ω (40.0 ~ 59.9MHz, 3rd OT)
80Ω (60.0 ~ 100MHz, 3rd OT)
Ageing:
±3ppm max first year
±1ppm max first year
specify
Test drive level:
10μW typ, 100μW max
Soldering condition:
260°C, 10 sec x2 max
SM Crystal - Metal Lid
GSX-531




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl