전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ34202RVQT 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ34202RVQT
상세설명  SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34202RVQT 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LMZ34202RVQT Datasheet HTML 3Page - Texas Instruments LMZ34202RVQT Datasheet HTML 4Page - Texas Instruments LMZ34202RVQT Datasheet HTML 5Page - Texas Instruments LMZ34202RVQT Datasheet HTML 6Page - Texas Instruments LMZ34202RVQT Datasheet HTML 7Page - Texas Instruments LMZ34202RVQT Datasheet HTML 8Page - Texas Instruments LMZ34202RVQT Datasheet HTML 9Page - Texas Instruments LMZ34202RVQT Datasheet HTML 10Page - Texas Instruments LMZ34202RVQT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
LMZ34202
www.ti.com
SNVSAJ2 – MARCH 2016
Product Folder Links: LMZ34202
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over -40°C to +105°C free-air temperature, PVIN = 24 V, VOUT = 5 V, IOUT = IOUT max, ƒsw = 500 kHz,
CIN1 = 1 x 10-µF, 100-V 1210 ceramic, CIN2 = 1 x 100-µF 100-V electrolytic bulk, and COUT = 3 x 47-µF, 16-V 1210 ceramic
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
The specified minimum ceramic input capacitance represents the standard capacitance value. The actual effective capacitance after
considering the effects of DC bias and temperature variation should be
≥ 4.7 µF.
(5)
The amount of required output capacitance varies depending on the output voltage (see Output Capacitor Selection). The minimum
required output capacitance must be comprised of ceramic capacitance. The amount of required ceramic capacitance represents the
standard capacitance value. Locate the capacitance close to the device. Adding additional ceramic or non-ceramic capacitance close to
the load improves the response of the regulator to load transients.
(6)
The maximum allowable output capacitance varies depending on the output voltage (see Output Capacitor Selection).
THERMAL SHUTDOWN
TSHUTDOWN
Thermal shutdown
Shutdown Temperature
160
°C
Hysteresis
10
°C
INPUT/OUTPUT CAPACITANCE
CIN
External input capacitance
ceramic
10(4)
µF
non-ceramic
100
µF
COUT
External output capacitance
Ceramic
64(5)
See(6)
µF
Non-ceramic
100
See(6)
µF
ceramic + non-ceramic
See(6)
µF
Equivalent series resistance (ESR)
20
m
Ω
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSW
Switching frequency
RT and RTSEL pins open
410
500
590
kHz
ƒCLK
CLK Control
Synchronization frequency
200
1000
kHz
VCLK-H
CLK high level
2
5.5
V
VCLK-L
CLK low level
0.4
V
DCLK
CLK duty cycle
10%
50%
90%


유사한 부품 번호 - LMZ34202RVQT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002 TI1-LMZ34002 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results

유사한 설명 - LMZ34202RVQT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com