전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD25402Q3A 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD25402Q3A
상세설명  20 V P-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25402Q3A 데이터시트(HTML) 1 Page - Texas Instruments

  CSD25402Q3A Datasheet HTML 1Page - Texas Instruments CSD25402Q3A Datasheet HTML 2Page - Texas Instruments CSD25402Q3A Datasheet HTML 3Page - Texas Instruments CSD25402Q3A Datasheet HTML 4Page - Texas Instruments CSD25402Q3A Datasheet HTML 5Page - Texas Instruments CSD25402Q3A Datasheet HTML 6Page - Texas Instruments CSD25402Q3A Datasheet HTML 7Page - Texas Instruments CSD25402Q3A Datasheet HTML 8Page - Texas Instruments CSD25402Q3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
-VGS - Gate-To-Source Voltage (V)
0
2
4
6
8
10
12
0
3
6
9
12
15
18
21
24
D007
TC = 25°C, I D = -10 A
TC = 125°C, I D = -10 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
D004
ID = -10 A
VDS = -10 V
1
S
S
S
S
S
5
G
6
D
7
D
8
D
4
3
2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
CSD25402Q3A
SLPS454B – DECEMBER 2013 – REVISED JANUARY 2016
CSD25402Q3A –20 V P-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain-to-source voltage
–20
V
Low RDS(on)
Qg
Gate charge total (–4.5 V)
7.5
nC
Qgd
Gate charge gate to drain
1.1
nC
Pb and Halogen Free
VGS = –1.8 V
74
m
RoHS Compliant
RDS(on)
Drain-to-source on resistance
VGS = –2.5 V
13.3
m
SON 3.3 mm × 3.3 mm Plastic Package
VGS = –4.5 V
7.7
m
Vth
Threshold voltage
–0.9
V
2 Applications
DC-DC Converters
Ordering Information(1)
Battery Management
DEVICE
QTY
MEDIA
PACKAGE
SHIP
Load Switch
CSD25402Q3A
2500 13-Inch Reel
SON 3.3 mm × 3.3
Tape and
mm Plastic Package
Reel
CSD25402Q3AT
250
7-Inch Reel
Battery Protection
(1) For all available packages, see the orderable addendum at
3 Description
the end of the data sheet.
This –20-V, 7.7-m
Ω NexFET™ power MOSFET is
Absolute Maximum Ratings
designed to minimize losses in power conversion load
TA = 25°C
VALUE
UNIT
management applications with a SON 3.3 mm × 3.3
mm
package
that
offers
an
excellent
thermal
VDS
Drain-to-source voltage
–20
V
performance for the size of the device.
VGS
Gate-to-source voltage
+12 or –12
V
Continuous drain current, TC = 25°C
–76
A
Top View
ID
Continuous drain current (package limit)
–35
A
Continuous drain current(1)
–15
A
IDM
Pulsed drain current(2)
–148
A
Power dissipation(1)
2.8
PD
W
Power dissipation, TC = 25°C
69
TJ
Operating junction temperature
–55 to 150
°C
Tstg
Storage temperature
–55 to 150
°C
(1) Typical RθJA = 45°C/W on 1 inch
2 Cu (2 oz.) on 0.060 inch
thick FR4 PCB.
(2) Max RθJC = 2.3°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - CSD25402Q3A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
CSD25402Q3AT TI1-CSD25402Q3AT Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_V01 Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
More results

유사한 설명 - CSD25402Q3A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
[Old version datasheet]   CSD25202W15 20-V P-Channel NexFET Power MOSFET
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
[Old version datasheet]   CSD25304W1015 20-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
[Old version datasheet]   CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com