전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2854MHX-1000 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM2854MHX-1000
상세설명  Synchronous SIMPLE SWITCHER Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2854MHX-1000 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM2854MHX-1000 Datasheet HTML 5Page - Texas Instruments LM2854MHX-1000 Datasheet HTML 6Page - Texas Instruments LM2854MHX-1000 Datasheet HTML 7Page - Texas Instruments LM2854MHX-1000 Datasheet HTML 8Page - Texas Instruments LM2854MHX-1000 Datasheet HTML 9Page - Texas Instruments LM2854MHX-1000 Datasheet HTML 10Page - Texas Instruments LM2854MHX-1000 Datasheet HTML 11Page - Texas Instruments LM2854MHX-1000 Datasheet HTML 12Page - Texas Instruments LM2854MHX-1000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Ramp and Clock
Generator
AVIN
EN
PVIN
Gate
Drive
SW
PGND
+
-
+
-
SS
FB
Error
Amplifier
PWM
Comparator
Oscillator
0.8V
Reference
UVLO
Zc2
AGND
Current Limit
Reference
Selector
1.23V
+
-
9
LM2854
www.ti.com
SNVS560D – MARCH 2008 – REVISED JANUARY 2016
Product Folder Links: LM2854
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM2854 PowerWise synchronous DC-DC buck regulator belongs to the Texas Instruments SIMPLE
SWITCHER family of switching regulators. Integration of the power MOSFETs and associated drivers,
compensation component network, and the PWM controller reduces the number of external components
necessary for a complete power supply design, without sacrificing performance.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Switching Frequency
The LM2854 is available in two switching frequency options, 500 kHz and 1 MHz. Generally, a higher switching
frequency allows for faster transient response and a reduction in the footprint area and volume of the external
power stage components, while a lower switching frequency affords better efficiency. These factors should be
considered when selecting the appropriate switching frequency for a given application.
7.3.2 Enable
The LM2854 features a enable (EN) pin and associated comparator to allow the user to easily sequence the
LM2854 from an external voltage rail, or to manually set the input UVLO threshold. The turnon or rising threshold
and hysteresis for this comparator are typically 1.23 V and 0.15 V, respectively. The precise reference for the
enable comparator allows the user to ensure that the LM2854 will be disabled when the system demands it to
be.
7.3.3 Soft-Start
The LM2854 begins to operate when both the AVIN and EN voltages exceed the rising UVLO and enable
thresholds, respectively. A controlled soft-start eliminates inrush currents during start-up and allows the user
more control and flexibility when sequencing the LM2854 with other power supplies. An external soft-start
capacitor is used to control the LM2854 start-up time. During soft-start, the voltage on the feedback pin is
connected internally to the non-inverting input of the error amplifier. The soft-start period lasts until the voltage on
the soft-start pin exceeds the LM2854 reference voltage of 0.8 V. At this point, the reference voltage takes over
at the non-inverting amplifier input.


유사한 부품 번호 - LM2854MHX-1000

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2854MHX-1000 NSC-LM2854MHX-1000 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

유사한 설명 - LM2854MHX-1000

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com