전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM21215AMHE-1 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM21215AMHE-1
상세설명  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215AMHE-1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM21215AMHE-1 Datasheet HTML 6Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 7Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 8Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 9Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 10Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 11Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 12Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 13Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
VOUT (500 mV/Div)
VPGOOD (5V/Div)
VTRACK (500 mV/Div)
IOUT (10A/Div)
VSW (2V/Div)
VOUT (1V/Div)
IL (10A/Div)
VOUT (500 mV/Div)
VPGOOD (5V/Div)
VENABLE (5V/Div)
IOUT (10A/Div)
VOUT (500 mV/Div)
VPGOOD (5V/Div)
VENABLE (5V/Div)
LM21215A
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: VIN = 5 V, VOUT = 1.2 V, LF = 0.56 µH (1.8 mΩ RDCR), CSS = 33 nF, FSW = 500 kHz, TA = 25°C for
efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Figure 19. Startup with Prebiased Output, 2 ms/Div
Figure 20. Startup with SS/TRK Open Circuit, 200 µs/Div
Figure 21. Startup with Tracking Signal Applied, 200 ms/Div
Figure 22. Output Overcurrent Condition, 10 µs/Div
10
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: LM21215A


유사한 부품 번호 - LM21215AMHE-1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM21215AMHE-1 TI1-LM21215AMHE-1 Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results

유사한 설명 - LM21215AMHE-1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
   High Efficiency 8A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
uPI Group Inc.
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
   High-Efficiency Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com