전자부품 데이터시트 검색엔진 |
|
LM2852YMXA-1.8 데이터시트(PDF) 11 Page - Texas Instruments |
|
LM2852YMXA-1.8 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 27 page CSS = 3.3 nF CO = 100 PF PVIN AVIN EN SS SGND PGND SNS SW LM2852Y + VOUT = 1.5V ILOAD = 0A to 2A LO = 10 PH CIN = 47 PF 1 PF PVIN = 3.3V AVIN = 5V LM2852 www.ti.com SNVS325E – JANUARY 2005 – REVISED JANUARY 2016 7.3 Feature Description 7.3.1 Split-Rail Operation The LM2852 can be powered using two separate voltages for AVIN and PVIN. AVIN is the supply for the control logic; PVIN is the supply for the power FETs. The output filter components need to be chosen based on the value of PVIN. For PVIN levels lower than 3.3 V, use output filter component values recommended for 3.3 V. PVIN must always be equal to or less than AVIN. Figure 11. Split-Rail Operation 7.3.2 Switch Node Protection The LM2852 includes protection circuitry that monitors the voltage on the switch pin. Under certain conditions, switching is disabled in order to protect the switching devices. One result of the protection circuitry may be observed when power to the LM2852 is applied with no or light load on the output. The output regulates to the rated voltage, but no switching may be observed. As soon as the output is loaded, the LM2852 begins normal switching operation. 7.4 Device Functional Modes The LM2852 Enable pin is internally pulled up so that the part is enabled anytime the input voltage exceeds the UVLO threshold. A pulldown resistor can be used to set the enable input to low. Copyright © 2005–2016, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM2852 |
유사한 부품 번호 - LM2852YMXA-1.8 |
|
유사한 설명 - LM2852YMXA-1.8 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |