전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2852YMXA-2.5 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM2852YMXA-2.5
상세설명  Synchronous Simple Switcher Buck Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852YMXA-2.5 데이터시트(HTML) 1 Page - Texas Instruments

  LM2852YMXA-2.5 Datasheet HTML 1Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 2Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 3Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 4Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 5Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 6Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 7Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 8Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ILOAD (A)
0.1
1.0
10
84
86
88
90
92
94
96
PVIN = 3.3V
PVIN
AVIN
EN
SS
SGND
PGND
SNS
SW
LM2852Y
CSS = 2.7 nF
CIN = 22 PF
VIN = 3.3V
VOUT = 2.5V
ILOAD = 0A to 2A
CO = 100 PF
+
LO = 10 PH
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2852
SNVS325E – JANUARY 2005 – REVISED JANUARY 2016
LM2852 2A 500/1500 kHz Synchronous Simple Switcher® Buck Regulator
1 Features
3 Description
The LM2852 Simple Switcher® synchronous buck
1
Input Voltage Range of 2.85 to 5.5 V
regulator is a high frequency step-down switching
Factory EEPROM Set Output Voltages from 0.8 V
voltage regulator capable of driving up to a 2A load
to 3.3 V in 100-mV Increments
with excellent line and load regulation. The LM2852
Maximum Load Current of 2 A
can accept an input voltage between 2.85 V and
5.5 V and deliver an output voltage that is factory
Voltage Mode Control
programmable from 0.8 V to 3.3 V in 100-mV
Internal Type-Three Compensation
increments. The LM2852 is available with a choice of
Switching Frequency of 500 kHz or 1.5 MHz
two switching frequencies –500 kHz (LM2852Y) or
1.5 MHz (LM2852X). It also features internal, type-
Low Standby Current of 10 µA
three compensation to deliver a low component count
Internal 60-m
Ω MOSFET Switches
solution. The exposed-pad HTSSOP-14 package
Standard Voltage Options 0.8/1/1.2/1.5/1.8/2.5/3.3
enhances the thermal performance of the LM2852.
V
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Low Voltage Point of Load Regulation
LM2852
HTSSOP (14)
5.00 mm × 4.40 mm
Local Solution for FPGA/DSP/ASIC Core Power
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Broadband Networking and Communications
Infrastructure
Portable Computing
space
Typical Application Circuit
Efficiency vs ILOAD
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LM2852YMXA-2.5

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2852YMXA-2.5 NSC-LM2852YMXA-2.5 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852YMXA-2.5 NSC-LM2852YMXA-2.5 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXA-2.5 TI-LM2852YMXA-2.5 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

유사한 설명 - LM2852YMXA-2.5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com