전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2734Z-Q1 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2734Z-Q1
상세설명  Thin SOT 1-A Load Step-Down DC-DC Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734Z-Q1 데이터시트(HTML) 2 Page - Texas Instruments

  LM2734Z-Q1 Datasheet HTML 1Page - Texas Instruments LM2734Z-Q1 Datasheet HTML 2Page - Texas Instruments LM2734Z-Q1 Datasheet HTML 3Page - Texas Instruments LM2734Z-Q1 Datasheet HTML 4Page - Texas Instruments LM2734Z-Q1 Datasheet HTML 5Page - Texas Instruments LM2734Z-Q1 Datasheet HTML 6Page - Texas Instruments LM2734Z-Q1 Datasheet HTML 7Page - Texas Instruments LM2734Z-Q1 Datasheet HTML 8Page - Texas Instruments LM2734Z-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LM2734Z, LM2734Z-Q1
SNVS334F – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 11
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
2
Applications ........................................................... 1
8.1
Application Information............................................ 12
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 12
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 26
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 26
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 26
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Examples................................................... 27
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 28
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 28
6.4
Thermal Information .................................................. 5
11.2
Documentation Support ........................................ 28
6.5
Electrical Characteristics........................................... 5
11.3
Community Resources.......................................... 28
6.6
Typical Characteristics .............................................. 6
11.4
Trademarks ........................................................... 28
7
Detailed Description .............................................. 7
11.5
Electrostatic Discharge Caution ............................ 28
7.1
Overview ................................................................... 7
11.6
Glossary ................................................................ 28
7.2
Functional Block Diagram ......................................... 7
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................... 7
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (April 2013) to Revision F
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes section, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
Removed soldering information ............................................................................................................................................. 4
Changes from Revision D (April 2013) to Revision E
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 25
2
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: LM2734Z LM2734Z-Q1


유사한 부품 번호 - LM2734Z-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734ZMK NSC-LM2734ZMK Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734ZMKX NSC-LM2734ZMKX Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734ZQ TI1-LM2734ZQ Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results

유사한 설명 - LM2734Z-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com