전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2852YMXAX-3.3 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM2852YMXAX-3.3
상세설명  Synchronous Simple Switcher Buck Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852YMXAX-3.3 데이터시트(HTML) 3 Page - Texas Instruments

  LM2852YMXAX-3.3 Datasheet HTML 1Page - Texas Instruments LM2852YMXAX-3.3 Datasheet HTML 2Page - Texas Instruments LM2852YMXAX-3.3 Datasheet HTML 3Page - Texas Instruments LM2852YMXAX-3.3 Datasheet HTML 4Page - Texas Instruments LM2852YMXAX-3.3 Datasheet HTML 5Page - Texas Instruments LM2852YMXAX-3.3 Datasheet HTML 6Page - Texas Instruments LM2852YMXAX-3.3 Datasheet HTML 7Page - Texas Instruments LM2852YMXAX-3.3 Datasheet HTML 8Page - Texas Instruments LM2852YMXAX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
EN
SGND
SS
NC
PVIN
PVIN
SNS
NC
NC
PGND
PGND
SW
SW
AVIN
LM2852
1
2
3
4
5
7
6
14
13
12
11
10
8
9
LM2852
www.ti.com
SNVS325E – JANUARY 2005 – REVISED JANUARY 2016
5 Pin Configuration and Functions
PWP Package
14-Pin HTSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Chip bias input pin. This provides power to the logic of the chip. Connect to the input voltage
AVIN
1
I
or a separate rail.
Enable. Connect this pin to ground to disable the chip; connect to AVIN or leave floating to
EN
2
I
enable the chip; enable is internally pulled up.
Exposed
Connect to ground.
NC
5, 12, 13
No connect. These pins must be tied to ground or left floating in the application.
PGND
10, 11
G
Power ground. Connect this to an internal ground plane or other large ground plane.
Input supply pin. PVIN is connected to the input voltage. This rail connects to the source of
PVIN
6, 7
I
the internal power PFET.
SGND
3
G
Signal ground.
Output voltage sense pin. Connect this pin to the output voltage as close to the load as
SNS
14
O
possible.
Soft-start pin. Connect this pin to a small capacitor to control startup. The soft-start
SS
4
I
capacitance range is restricted to values 1 nF to 50 nF.
SW
8, 9
O
Switch pin. Connect to the output inductor.
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2852


유사한 부품 번호 - LM2852YMXAX-3.3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2852YMXAX-3.3 NSC-LM2852YMXAX-3.3 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852YMXAX-3.3 NSC-LM2852YMXAX-3.3 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXAX-3.3 TI-LM2852YMXAX-3.3 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

유사한 설명 - LM2852YMXAX-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com