전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02046-15 데이터시트(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

부품명 M02046-15
상세설명  3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02046-15 데이터시트(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02046-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02046-15
11
3.3/5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Rev V4
3.0 Functional Description
3.1
Overview
The M02046 is a highly integrated high-gain limiting amplifier that can be used with the same board layout and
footprint as the MC2046-2. Featuring PECL outputs, the M02046 is intended for use in applications from 100 Mbps
to 1.25 Gbps. Full output swing is achieved even at minimum input sensitivity. The M02046 can operate with a 3.3V
or 5V supply.
Included in the M02046 is a programmable signal-level detector, allowing the user to set thresholds at which the
logic outputs are enabled. The signal detect function has typically 2 dB (optical) of hysteresis which prevents
chatter at low input levels. A squelch function, which turns off the output when no signal is present, is provided by
externally connecting the LOS Status output to the JAM input.
The M02046-15 has a CMOS Status output and the M02046-25 has a PECL Status output. Both versions have a
CMOS LOS output.


유사한 부품 번호 - M02046-15

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02040-15EVM MA-COM-M02040-15EVM Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results

유사한 설명 - M02046-15

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com