전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSW-0507 데이터시트(PDF) 3 Page - Level One

부품명 GSW-0507
상세설명  5-Port Gigabit Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LVL1 [Level One]
홈페이지  http://www.level1.com/
Logo LVL1 - Level One

GSW-0507 데이터시트(HTML) 3 Page - Level One

  GSW-0507 Datasheet HTML 1Page - Level One GSW-0507 Datasheet HTML 2Page - Level One GSW-0507 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions (W x D x H mm):
149.5 x 89 x 27 mm
Weight (g):
168g
Others
Approval and Compliance:
CE, RoHS, FCC
Diagram
Order Information
GSW-0507
Package Contents
GSW-0507
Power Adapter
Quick Installation Guide
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 3 of 3


유사한 부품 번호 - GSW-0507

제조업체부품명데이터시트상세설명
logo
Level One
GSW-0504 LVL1-GSW-0504 Datasheet
117Kb / 2P
   8-port 10/100Mbps Fast Etherent Switch w/ Internal Power
More results

유사한 설명 - GSW-0507

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
   Gigabit Ethernet Switch - 5 Port
logo
Advantech Co., Ltd.
EKI-5725-AE ADVANTECH-EKI-5725-AE Datasheet
443Kb / 2P
   5-port Gigabit Ethernet ProView Switch
EKI-5725I-AE ADVANTECH-EKI-5725I-AE Datasheet
443Kb / 2P
   5-port Gigabit Ethernet ProView Switch
EKI-5725 ADVANTECH-EKI-5725 Datasheet
538Kb / 2P
   5-Port Gigabit Ethernet ProView Switch
21-Aug-2020
EKI-2725-BE ADVANTECH-EKI-2725-BE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
TGXPS-141GX-M12 ORING-TGXPS-141GX-M12 Datasheet
383Kb / 5P
   5-port unmanaged Gigabit PoE Ethernet switch
logo
Black Box Registered Tr...
SW-115 BLACKBOX-SW-115 Datasheet
1Mb / 4P
   EMBEDDED INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
logo
Advantech Co., Ltd.
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGS-3032GC ORING-IGS-3032GC Datasheet
1Mb / 4P
   Industrial 5-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com