전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSW-0809 데이터시트(Datasheet) 2 Page - Level One

부품명 GSW-0809
상세내용  8-Port Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LVL1 [Level One]
홈페이지  http://www.level1.com/
Logo 

   
 2 page
background image
- Minimize carbon footprint with advanced energy efficient technology (IEEE 802.3az)
Specifications
System Specifications
Standards & Protocols:
IEEE802.3(10BASE-T),IEEE802.3u(100BASE-T),IEEE802.3ab(1000BASE-T) ,IEEE802.3az Energy
Efficient Ethernet
Memory:
32Kbit
Buffer Memory:
1Mbit
Connectors and Cabling:
Full Shielded
Indicator:
Power, LINK/ACT,1000M
Transmission Method:
Store- froward
Power:
3.3V/2A
Features
General:
8 x 10/100/1000Mbps
Performance
Backplane (Gbps):
16Gbps
MAC Address Table:
8K
Packet Forwarding Rate:
1488000pps
Jumbo Frame (K):
9KB
Environment
Power Saving:
YES
Temperature (°C):
0-40°C
Humidity (Non-condensing):
10%~90%
Physical Specifications
Dimensions (W x D x H mm):
190x120x35mm
Weight (g):
300g
www.level1.com
Page 2 of 3




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl