전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSW-1657 데이터시트(Datasheet) 2 Page - Level One

부품명 GSW-1657
상세내용  16-Port Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LVL1 [Level One]
홈페이지  http://www.level1.com/
Logo 

   
 2 page
background image
www.level1.com
I one world_one brand_one level_
Ethernet Switches
3
Network Interface
16 x 10/100/1000Mbps RJ-45 Ports
LED Indicators
Power, Link / Act, 1000Mbps
Power Input
100-240V AC, 50-60 Hz, 0.6A Internal Power Supply
Power Consumption
13.3W
Dimensions (L x W x H)
440 x 180 x 44 mm
Weight
1.68kg
Temperature
Operating: 0°C ~ 45 °C
Storage: -40°C ~ 70°C
Humidity
Operating: 10% ~ 90% (Non-condensing)
Storage: 10% ~ 90% (Non-condensing)
Certifications
FCC, CE
Technical Specifications
Product Diagram
GSW-1657
Standards
IEEE 802.1p class of service, priority protocols
IEEE 802.3 10-BASE-T (Ethernet)
IEEE 802.3u 100-BASE-TX (Fast Ethernet)
IEEE 802.3ab 1000BASE-T (Gigabit Ethernet)
IEEE 802.3X Flow Control (full-duplex flow control)
Features
MAC Address: 8K
Buffer Memory: 512KB
Transmission Method: Store-and-Forward
Backplane: 32Gbps
Jumbo Frame: 10KB
Filtering/Forwarding Rates
1000Mbps port-1488,000pps
100Mbps port-148,000pps
10Mbps port-14,880pps
Transmission Media
10Base T Cat. 3, 4, 5 UTP/STP
100Base TX Cat. 5 UTP/STP
1000Base TX Cat. 5e/6/7 UTP/STP
Internet
Server
Order Information
GSW-1657: 16-Port Gigabit Ethernet Switch
Package Contents
GSW-1657
Rackmount kit
Power Cord
Quick Installation Guide
V3.0
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
Broadband Router
PC
PC
PC
Server
Server




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl