전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSW-1657 데이터시트(Datasheet) 1 Page - Level One

부품명 GSW-1657
상세내용  16-Port Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LVL1 [Level One]
홈페이지  http://www.level1.com/
Logo 

   
 1 page
background image
2
16-Port Gigabit
Ethernet Switch
GSW-1657
Gigabit Speed
The LevelOne GSW-1657 is a 16-port Gigabit Ethernet
Switch that gives you a high-performance, low-cost,
easy-to-use, seamless upgrade to boost your network
to 1000Mbps. Increase the speed of your network
backbone to a massive 32Gbps and bring Gigabit
speeds all the way to your computers.
Control Your Network
With an 8K MAC address table, the GSW-1657 has
no problems remembering where to send the data
packets. Also featuring IEEE 802.3x flow control and
IEEE 802.1p Quality of Service functions so you have
greater control over your networks. The switch also
supports Auto MDI/MDI-X cable detection on all ports
to eliminate the need for crossover or Uplink ports for
an easy plug-and-play installation.
Rack Mountable
This 19 inch rack mountable switch with internal
power is ideal for the professional office environment.
Key Features
- 10K jumbo frames to increase data transfer rates
- Supports 8K MAC address auto-learning and auto-
aging
- IEEE 802.3X flow control protects against lost
packets for reliable data transmission
- QoS control for traffic prioritization and bandwidth
management
- Internal power supply
- 19-inch rackmount kit included
USB-0401
USB Gigabit Ethernet Adapter
Works Well With
1. Power LED
2. LED Indicators
3. 10/100/1000Mbps RJ-45 Port
4. Power Socket
H/W Version: 3
GNS-1001
1-Bay Gigabit Network Storage
3
3
2
1
4




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl