전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02006 데이터시트(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

부품명 M02006
상세설명  CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02006 데이터시트(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02006 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
M02006
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
10
CMOS Pre-amplifier with AGC for Long-reach
155 Mbps Fiber-optics Based Transmitter
Rev V4
4.2
Alternative Input Arrangement
An alternative arrangement can be used to connect the photodiode, with the photodiode cathode being connected
directly to VCC see Figure 4-2. This requires two decoupling capacitors, one connecting VCC to ground and the
other from PIN K to ground. This arrangement gives slightly more reverse bias on the photodiode, but will have
worse low frequency noise performance.
Figure 4-2.
Alternative Application Arrangement
+5 V
10 nF
VCC
VCC
PIN
K
PIN
A
1 nF
470 pF


유사한 부품 번호 - M02006

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
M0200-101-4-000 ETC2-M0200-101-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-101-5-000 ETC2-M0200-101-5-000 Datasheet
147Kb / 3P
   80mm Servo Motor, 200W
M0200-102-4-000 ETC2-M0200-102-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-104-4-000 ETC2-M0200-104-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
More results

유사한 설명 - M02006

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
02006-DSH-001-B MA-COM-02006-DSH-001-B Datasheet
306Kb / 17P
   CMOS Pre-amplifier with AGC for Long-reach
MC2006 MA-COM-MC2006 Datasheet
96Kb / 2P
   155 Mbps Pre-Amplifier
logo
Source Photonics, Inc.
C-13-155-T-SSC7 SOURCE-C-13-155-T-SSC7 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
logo
M/A-COM Technology Solu...
02006-BRF-001-A MA-COM-02006-BRF-001-A Datasheet
102Kb / 2P
   155 Mbps Pre-Amplifier
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
MC2007-3 MA-COM-MC2007-3 Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com