전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25066 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25066
상세설명  System Power Management and Protection IC With PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066 데이터시트(HTML) 4 Page - Texas Instruments

  LM25066 Datasheet HTML 1Page - Texas Instruments LM25066 Datasheet HTML 2Page - Texas Instruments LM25066 Datasheet HTML 3Page - Texas Instruments LM25066 Datasheet HTML 4Page - Texas Instruments LM25066 Datasheet HTML 5Page - Texas Instruments LM25066 Datasheet HTML 6Page - Texas Instruments LM25066 Datasheet HTML 7Page - Texas Instruments LM25066 Datasheet HTML 8Page - Texas Instruments LM25066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
LM25066
SNVS654J – FEBRUARY 2010 – REVISED DECEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NO.
NAME
An external capacitor connected to this pin sets the insertion time delay, fault timeout
9
TIMER
Timing capacitor
period and restart timing.
An external resistor connected to this pin, in conjunction with the current sense resistor
10
PWR
Power limit set
(RS), sets the maximum power dissipation allowed in the external series pass MOSFET.
An open drain output. This output is high when the voltage at the FB pin is above 1.167 V
and the input supply is within its undervoltage and overvoltage thresholds. Connect via a
11
PGD
POWER GOOD indicator
pullup resistor to the output rail (external MOSFET source) or any other voltage to be
monitored.
Connect to the output rail (external MOSFET source). Internally used to determine the
12
OUT
Output feedback
MOSFET VDS voltage for power limiting, and to monitor the output voltage.
13
GATE
Gate drive output
Connect to the external MOSFET's gate.
The voltage across the current sense resistor (RS) is measured from VIN to this pin. If the
14
SENSE
Current sense input
voltage across RS reaches overcurrent threshold, the load current is limited and the fault
timer activates.
A small ceramic bypass capacitor close to this pin is recommended to suppress transients
15
VIN
Positive supply input
which occur when the load current is switched off.
An external resistor divider from the system input voltage sets the undervoltage turnon
16
UVLO/EN
Undervoltage lockout
threshold. An internal 23-µA current source provides hysteresis. The enable threshold at
the pin is 1.16 V. This pin can also be used for remote shutdown control.
An external resistor divider from the system input voltage sets the overvoltage turnoff
17
OVLO
Overvoltage lockout
threshold. An internal 23-µA current source provides hysteresis. The disable threshold at
the pin is 1.16 V.
18
GND
Circuit ground
Data pin for SMBus. Open-drain output, requires external pullup resistor to Vdd or other
19
SDA
SMBus data pin
voltage source.
Clock pin for SMBus. Open-drain output, requires external pullup resistor to Vdd or other
20
SCL
SMBus clock
voltage source.
Alert pin for SMBus; active low. Open-drain output, requires external pullup resistor to Vdd
21
SMBA
SMBus alert line
or other voltage source.
Internally generated precision 2.73-V reference used for analog to digital conversion.
22
VREF
Internal reference
Connect a 1-µF capacitor on this pin to ground for bypassing.
Connect this to a diode-configured NPN transistor for temperature monitoring. Connect to
23
DIODE
External diode
ground if unused.
24
VAUX
Auxiliary voltage input
Auxiliary pin allows voltage telemetry from an external source. Full scale input of 1.16 V.
Exposed
Exposed pad of WQFN
No internal electrical connections. Solder to the ground plane to reduce thermal
Pad
package
resistance.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM25066


유사한 부품 번호 - LM25066

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQ/NOPB TI1-LM25066APSQ/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results

유사한 설명 - LM25066

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com