전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5235B-G 데이터시트(PDF) 4 Page - Comchip Technology

부품명 1N5235B-G
상세설명  Axial Leaded Glass Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N5235B-G 데이터시트(HTML) 4 Page - Comchip Technology

  1N5235B-G Datasheet HTML 1Page - Comchip Technology 1N5235B-G Datasheet HTML 2Page - Comchip Technology 1N5235B-G Datasheet HTML 3Page - Comchip Technology 1N5235B-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B
Taping Specification For Axial Lead Diodes
L1
L2
E
A
Z
T
E
Standard Packaging
90℃±5℃
B
Z
T
E
L1-L2
DO-35
SYMBOL
A
(mm)
(inch)
0.039 (max)
5.00 ± 0.5
52.0 ± 1.5
6.0 ± 0.4
1.0 (max)
1.2 (max)
0.8 (max)
2.047 ± 0.059
0.197± 0.020
0.047 (max) 0.236 ± 0.016 0.032(max)
Case Type
DO-35
5,000
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
100,000
1N
52
XXB
Cathode band
Marking Code
Part Number
1N5221-G ~ 1N5267-G
Marking Code
1N52XXB
XX : Product type marking code (see page.4)
Axial Leaded Glass Zener Diode
Comchip
S M D D i o d e S p e c i a l i s t
Page 4
REV: C
QW-BZ001
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.


유사한 부품 번호 - 1N5235B-G

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
1N5235B-A DIODES-1N5235B-A Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Seme LAB
1N5235B-LCC3 SEME-LAB-1N5235B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Diodes Incorporated
1N5235B-T DIODES-1N5235B-T Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
More results

유사한 설명 - 1N5235B-G

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
GSA-152M SUNMATE-GSA-152M Datasheet
859Kb / 2P
   AXIAL LEADED GLASS TUBE
GS37-141N SUNMATE-GS37-141N Datasheet
882Kb / 2P
   AXIAL LEADED GLASS TUBE
GS41-141N SUNMATE-GS41-141N Datasheet
872Kb / 2P
   AXIAL LEADED GLASS TUBE
GSS-141N SUNMATE-GSS-141N Datasheet
909Kb / 2P
   AXIAL LEADED GLASS TUBE
GSE-141N SUNMATE-GSE-141N Datasheet
889Kb / 2P
   AXIAL LEADED GLASS TUBE
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com