전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5238B-G 데이터시트(PDF) 3 Page - Comchip Technology

부품명 1N5238B-G
상세설명  Axial Leaded Glass Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N5238B-G 데이터시트(HTML) 3 Page - Comchip Technology

  1N5238B-G Datasheet HTML 1Page - Comchip Technology 1N5238B-G Datasheet HTML 2Page - Comchip Technology 1N5238B-G Datasheet HTML 3Page - Comchip Technology 1N5238B-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Axial Leaded Glass Zener Diode
Page 3
REV: C
QW-BZ001
Comchip
S M D D i o d e S p e c i a l i s t
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Fig.1 - Power Derating Curve
0
50
100
150
175
200
0
200
400
600
100
300
500
125
75
25
Ambient Temperature, TA (°C)
Fig.2 - Thermal Resistance vs. Lead Length
0
5
10
15
20
0
200
400
600
100
300
500
Lead Length, L (mm)
Fig.3 - Forward Current vs. Forward Voltage
TJ=25°C
Forward Voltage, VZ (V)
1.0
0
10
100
0.4
0.6
1
0.8
0.001
0.2
0.1
0.01
RATING AND CHARACTERISTIC CURVES (
)
1N5221B-G Thru. 1N5267B-G
Z-Voltage,
(V)
VZ
25
0
100
1000
10
15
10
20
1
5
TJ=25°C
5mA
IZ=1mA
10mA
Fig.4 - Differential Z-Resistance
vs. Z-Voltage
Fig.5 - Z-Current vs. Z-Voltage
0
16
20
0
20
60
100
40
80
12
8
4
Z-Voltage VZ
,
(V)
Tamb=25°C
Ptot=500mW
Fig.6 - Z-Current vs. Z-Voltage
15
20
25
30
35
0
20
40
50
10
30
Tamb=25°C
Ptot=500mW
Z-Voltage VZ
,
(V)
L
L
TL=constant


유사한 부품 번호 - 1N5238B-G

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
1N5238B-A DIODES-1N5238B-A Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Seme LAB
1N5238B-LCC3 SEME-LAB-1N5238B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Diodes Incorporated
1N5238B-T DIODES-1N5238B-T Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
More results

유사한 설명 - 1N5238B-G

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
GSA-152M SUNMATE-GSA-152M Datasheet
859Kb / 2P
   AXIAL LEADED GLASS TUBE
GS37-141N SUNMATE-GS37-141N Datasheet
882Kb / 2P
   AXIAL LEADED GLASS TUBE
GS41-141N SUNMATE-GS41-141N Datasheet
872Kb / 2P
   AXIAL LEADED GLASS TUBE
GSS-141N SUNMATE-GSS-141N Datasheet
909Kb / 2P
   AXIAL LEADED GLASS TUBE
GSE-141N SUNMATE-GSE-141N Datasheet
889Kb / 2P
   AXIAL LEADED GLASS TUBE
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com