전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1117IMP-5.0 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM1117IMP-5.0
상세설명  800-mA Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117IMP-5.0 데이터시트(HTML) 3 Page - Texas Instruments

  LM1117IMP-5.0 Datasheet HTML 1Page - Texas Instruments LM1117IMP-5.0 Datasheet HTML 2Page - Texas Instruments LM1117IMP-5.0 Datasheet HTML 3Page - Texas Instruments LM1117IMP-5.0 Datasheet HTML 4Page - Texas Instruments LM1117IMP-5.0 Datasheet HTML 5Page - Texas Instruments LM1117IMP-5.0 Datasheet HTML 6Page - Texas Instruments LM1117IMP-5.0 Datasheet HTML 7Page - Texas Instruments LM1117IMP-5.0 Datasheet HTML 8Page - Texas Instruments LM1117IMP-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
NOT CONNECTED
VOUT
VOUT
VOUT
1
2
3
4
8
7
6
5
ADJ/GND
VIN
VIN
VIN
VOUT
LM1117
www.ti.com
SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016
5 Pin Configuration and Functions
DCY Package
KTT Package
4-Pin SOT
3-Pin TO-263
Top View
Top View
NDE Package
NDP Package
3-Pin TO-220
3-Pin TO-252
Top View
Top View
NGN Package
8-Pin WSON
Top View
When using the WSON package
Pins 2, 3 and 4 must be connected together and
Pins 5, 6 and 7 must be connected together
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TO-252
WSON
SOT-223
TO-263
TO-220
Adjust pin for adjustable output option. Ground pin for fixed
ADJ/GND
1
1
1
1
1
output option.
VIN
3
2, 3, 4
3
3
3
I
Input voltage pin for the regulator
5, 6, 7,
VOUT
2 , TAB
2, 4
2, TAB
2, TAB
O
Output voltage pin for the regulator
TAB
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1117


유사한 부품 번호 - LM1117IMP-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1117IMP-5.0/NOPB TI1-LM1117IMP-5.0/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMP-5.0/NOPB TI1-LM1117IMP-5.0/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMP-5.0/NOPB TI1-LM1117IMP-5.0/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMP-5.0/NOPB TI1-LM1117IMP-5.0/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMP-5.0/NOPB TI1-LM1117IMP-5.0/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

유사한 설명 - LM1117IMP-5.0

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117 MICROCHIP-TC2117_06 Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com