전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02061-21 데이터시트(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

부품명 M02061-21
상세설명  3.3 or 5 Volt Laser Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-21 데이터시트(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02061-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Product Specification
02061-DSH-001-G
Mindspeed Technologies
®
10
Mindspeed Proprietary and Confidential
V
CC3
and
VCC5
status
FAIL
DIS
LASER
OUTPUT
(low)
V
CC3 and VCC5
“OK”
t_off < 10
μs,
(1
μs typ.)
(high)
Fault Recovery Behavior
Fault
recovery at:
MOD
SET.
C
APC, OUT+,
or IBout
FAIL
DIS
LASER
OUTPUT
Fault
Removed
t_reset,
10
μs,
min.
FAIL remains high
until reset by DIS
going high
t_on < 1ms
Transmitter Disable (DIS transition high)
Fault at:
MOD
SET.
C
APC, OUTP,
or IBout
FAIL
DIS
LASER
OUTPUT
Fault Occurs
t_fault < 100
μs,
(4
μs typ.)
Response to Fault
Fault at:
APCSET
FAIL
DIS
LASER
OUTPUT
Fault Remains
t_reset,
10
μs,
min.
t_init < 5ms,
(3ms typ.)
Unsuccessful Fault Reset Attempt


유사한 부품 번호 - M02061-21

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02061-21 MA-COM-M02061-21 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
More results

유사한 설명 - M02061-21

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com