전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBMF160-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CDBMF160-HF
상세설명  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMF160-HF 데이터시트(HTML) 2 Page - Comchip Technology

  CDBMF160-HF Datasheet HTML 1Page - Comchip Technology CDBMF160-HF Datasheet HTML 2Page - Comchip Technology CDBMF160-HF Datasheet HTML 3Page - Comchip Technology CDBMF160-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Comchip Technology CO., LTD.
Page 2
RATING AND CHARACTERISTIC CURVES (CDBMF160-HF)
QW-JB066
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
SMD Schottky Barrier Rectifiers
Number of Cycles at 60Hz
0
20
30
1
10
100
10
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
Reverse Voltage, VR (V)
Fig.4 - Typical Reverse Characteristics
Fig.3 - Maximum Non-Repetitive
Forward Surge Current
1
10000
10
1000
100
40
20
0
10
30
0
Forward Voltage, VF (V)
0
0
1
10
100
1000
Lead Temperature, TL (°C)
0
0.6
0.8
0.8
0
100
0.2
1.2
0.4
0.6
0.4
25
50
75
125
1.0
0.2
Fig.2 - Typical Forward Characteristics
Fig.1 - Typical Forward Current
Derating Curve
Reverse Voltage, VR (V)
0
80
120
0
20
40
40
Fig.5 - Typical Capacitance or Diodes
30
10
20
100
50
TJ=125°C
TJ=25°C
TJ=50°C
TJ=75°C
TJ=25°C
TJ=50°C
TJ=75°C
TJ=100°C
TJ=125°C
60
60
TJ=100°C


유사한 부품 번호 - CDBMF160-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBMF340-HF COMCHIP-CDBMF340-HF Datasheet
97Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

유사한 설명 - CDBMF160-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com