전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP701A 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP701A
상세설명  Photocouplers GaA-As Infrared LED and Photo IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701A 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP701A Datasheet HTML 1Page - Toshiba Semiconductor TLP701A Datasheet HTML 2Page - Toshiba Semiconductor TLP701A Datasheet HTML 3Page - Toshiba Semiconductor TLP701A Datasheet HTML 4Page - Toshiba Semiconductor TLP701A Datasheet HTML 5Page - Toshiba Semiconductor TLP701A Datasheet HTML 6Page - Toshiba Semiconductor TLP701A Datasheet HTML 7Page - Toshiba Semiconductor TLP701A Datasheet HTML 8Page - Toshiba Semiconductor TLP701A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLP701A
5
11.
11.
11.
11. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 100
= -40 to 100
= -40 to 100
= -40 to 100 
))))
Characteristics
Propagation delay time
(L/H)
Propagation delay time
(H/L)
Rise time
Fall time
Pulse width distortion
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpLH
tpHL
tr
tf
|tpHL-tpLH|
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 2)
(Note 3)
Test
Circuit
Fig.
12.1.7
Fig.
12.1.8
Test Condition
IF = 0 → 5 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
IF = 5 → 0 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
IF = 0 → 5 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
IF = 5 → 0 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
IF = 0 ←→ 5 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
VCM = 1000 Vp-p, IF = 5 mA,
VCC = 30 V, Ta = 25 ,
VO(min) = 26 V
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 30 V, Ta = 25 ,
VO(max) = 1 V
Min
30
30
±20
±20
Typ.
50
50
±25
±25
Max
500
500
350
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25 .
Note 1: Input signal ( f = 25 kHz, duty = 50 %, tr = tf = 5 ns or less ).
CL is approximately 15 pF which includes probe and stray wiring capacitance.
Note 2: CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage
in the logic high state (VO > 26 V).
Note 3: CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in
the logic low state (VO < 1 V).
2015-12-25
Rev.5.0
©2015 Toshiba Corporation


유사한 부품 번호 - TLP701A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
   Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP701 TOSHIBA-TLP701 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
   Inverter for Air Conditioners
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
More results

유사한 설명 - TLP701A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com