전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25122-Q1 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25122-Q1
상세설명  Wide-Input Synchronous Boost Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25122-Q1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM25122-Q1 Datasheet HTML 2Page - Texas Instruments LM25122-Q1 Datasheet HTML 3Page - Texas Instruments LM25122-Q1 Datasheet HTML 4Page - Texas Instruments LM25122-Q1 Datasheet HTML 5Page - Texas Instruments LM25122-Q1 Datasheet HTML 6Page - Texas Instruments LM25122-Q1 Datasheet HTML 7Page - Texas Instruments LM25122-Q1 Datasheet HTML 8Page - Texas Instruments LM25122-Q1 Datasheet HTML 9Page - Texas Instruments LM25122-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
LM25122-Q1
SNVSAF0A – DECEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
6.5 Electrical Characteristics
Unless otherwise specified, these specifications apply for –40°C
≤ TJ ≤ +125°C, VVIN = 12 V, VVCC = 8.3 V, RT = 20 kΩ, no
load on LO and HO. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN SUPPLY
ISHUTDOWN VIN shutdown current
VUVLO = 0 V
9
17
µA
IBIAS
VIN operating current (exclude
VUVLO = 2 V, non-switching
4
5
mA
the current into RT resistor)
VCC REGULATOR
VCC(REG)
VCC regulation
No load
6.9
7.6
8.3
V
VVIN = 4.5 V, no external load
0.25
V
VCC dropout (VIN to VCC)
VVIN = 4.5 V, IVCC = 25 mA
0.28
0.5
V
VCC sourcing current limit
VVCC = 0 V
50
62
mA
VVCC = 8.3 V
3.5
5
mA
VCC operating current (exclude
IVCC
the current into RT resistor)
VVCC = 12 V
4.5
8
mA
VCC rising, VVIN = 4.5 V
3.9
4.0
4.1
V
VCC undervoltage threshold
VCC falling, VVIN = 4.5 V
3.7
V
VCC undervoltage hysteresis
0.385
V
UNDERVOLTAGE LOCKOUT
UVLO threshold
UVLO rising
1.17
1.20
1.23
V
UVLO hysteresis current
VUVLO = 1.4 V
7
10
13
µA
UVLO standby enable threshold
UVLO rising
0.3
0.4
0.5
V
UVLO standby enable hysteresis
0.1
0.125
V
MODE
Diode emulation mode threshold
MODE rising
1.20
1.24
1.28
V
Diode emulation mode hysteresis
0.1
V
Default MODE voltage
145
155
170
mV
COMP rising, measured at COMP
1.290
V
Default skip cycle threshold
COMP falling, measured at COMP
1.245
V
Skip cycle hysteresis
Measured at COMP
40
mV
ERROR AMPLIFIER
VREF
FB reference voltage
Measured at FB, VFB= VCOMP
1.188
1.200
1.212
V
FB input bias current
VFB= VREF
5
nA
ISOURCE = 2 mA, VVCC = 4.5 V
2.75
V
VOH
COMP output high voltage
ISOURCE = 2 mA, VVCC = 12 V
3.40
V
VOL
COMP output low voltage
ISINK = 2 mA
0.25
V
AOL
DC gain
80
dB
fBW
Unity gain bandwidth
3
MHz
Slave mode threshold
FB rising
2.7
3.4
V
OSCILLATOR
fSW1
Switching frequency 1
RT = 20 kΩ
400
450
500
kHz
RT output voltage
1.2
V
RT sync rising threshold
RT rising
2.5
2.9
V
RT sync falling threshold
RT falling
1.6
2.0
V
Minimum sync pulse width
100
ns
SYNCOUT
SYNCOUT high-state voltage
ISYNCOUT = –1 mA
3.3
4.3
V
SYNCOUT low-state voltage
ISYNCOUT = 1 mA
0.15
0.25
V
OPT
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM25122-Q1


유사한 부품 번호 - LM25122-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512A TI-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512A TI1-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512ASM NSC-LM2512ASM Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results

유사한 설명 - LM25122-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Exar Corporation
SP7606 EXAR-SP7606 Datasheet
931Kb / 17P
   Wide Input Voltage Boost Controller
logo
Texas Instruments
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com