전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP117 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TLP117
상세설명  PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP117 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TLP117_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP117_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP117_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP117_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP117_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP117_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP117_14 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP117
2014-09-01
6
TEST CIRCUIT 6: tpHL , tpLH
(example for LED drive circuit)
TEST CIRCUIT 7: Common-Mode Transient Immunity Test Circuit
CM
L
CM
H
VCM
10%
90%
1000V
・SW B : IF=0mA
0.4V
4V
tr
tf
・SW A : IF=10mA
)
(
)
(
800
s
t r
V
H
CM
μ
=
)
(
)
(
800
s
t f
V
L
CM
μ
=
0.1
μF
VO
V
CC
SW
IF
1
3
6
5
4
VCM
B
VCC
GND
SHIELD
A
10%
90%
tpHL
tpLH
VIN
VO
50%
VOL
VOH
tf
tr
10%
90%
50%
GND
tf=4.5ns
VL=1.1V
tr=4.5ns
VCC
*CL=15pF
0.1
μF
RIN =360Ω
*CL=15pF
VCC
GND
SHIELD
INPUT MONITORING NODE
VIN=1.1↔5V(P.G)
(f=25MHz , duty=50%)
CL is capacitance of the probe and JIG.
(P.G) : Pulse Generator
Vo
MONITORING
NODE
CIN =22pF
CIN=22pF
CIN 22 F
0.1
μF
*CL=15pF
VCC
GND
VCC
GND
P.G
5V
f=25MHz
SHIELD
RIN1=300Ω RIN2=180Ω
RIN3=1.6kΩ
TC7SZ08F/FU
CIN=47pF
INPUT MONITORING NODE
Vo
MONITORING
NODE
VCC
CL is capacitance of the probe and JIG.
(P.G) : Pulse Generator


유사한 부품 번호 - TLP117_14

제조업체부품명데이터시트상세설명
logo
Huber+Suhner, Inc.
TLP11716117160150051 HUBERSUHNER-TLP11716117160150051 Datasheet
502Kb / 2P
   LOW PIM TEST ASSEMBLIES, 716 (male), 716 (male), 50 Ohm, 4 GHz, 1500mm
TLP1171611N0150051 HUBERSUHNER-TLP1171611N0150051 Datasheet
503Kb / 2P
   LOW PIM TEST ASSEMBLIES, 716 (male), N (male), 50 Ohm, 4 GHz, 1500mm
More results

유사한 설명 - TLP117_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
   Plasma display panel High Speed Interface Factory Automation
TLP116 TOSHIBA-TLP116_07 Datasheet
279Kb / 8P
   PHOTO-IC PDP(Plasma Display Panel)
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
   Plasma Display Panel
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com