전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP715 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP715
상세설명  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP715 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP715_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 7Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 8Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP715
2014-09-01
1
Unit: mm
Weight: 0.26 g (t yp.)
4.58±0.25
9.7±0.3
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1 2 3
6 5 4
11-5J1
TOSHIBA
11-5J1
TOSHIBA PHOTOCOUPLER GaAℓAs IRED & PHOTO-IC
TLP715
Isolated Bus Drivers
High Speed Line Receivers
Microprocessor System Interfaces
The Toshiba TLP715 consists of a GaAℓAs light-emitting diode and an
integrated high-gain, high-speed photodetector. This unit is a 6-pin SDIP. The
TLP715 is 50% smaller than the 8-PIN DIP and meets the reinforced insulation
class requirements of international safety standards. Therefore the mounting
area can be reduced in equipment requiring safety standard certification.
The detector has a totem pole output stage to provide both source and sink
driving. The detector IC has an internal shield that provides a guaranteed
common-mode transient immunity of 10 kV / μs.
The TLP715 is buffer logic type. For inverter logic type, the TLP718 is in
line-up.
Buffer logic output (totem pole output)
Guaranteed performance over temperature: −40 to 100°C
Power supply voltage: 4.5 to 20 V
Input current: IFLH = 3 mA (max)
Switching time ( tpLH / tpHL): 250 ns (max)
Common-mode transient immunity: ±10 kV / μs (min)
Isolation voltage: 5000 Vrms (min)
UL recognized
UL1577, File No.E67349
c-UL recognized
CSA Component Acceptance Service No. 5A, File No.E67349
Option (D4)
TÜV recognized / VDE under application: DIN EN60747-5-5
Maximum Operating Insulation Voltage: 890 VPK
Highest Permissible Over Voltage
: 8000 VPK
(Note): When a EN60747-5-5 approved type is needed,
Please designate “Option(D4)”
Construction Mechanical Rating
7.62 mm pitch
TLPXXX type
10.16 mm pitch
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
0.1
μF bypass capacitor must be
connected between pins 6 and 4. (Note 5)
Schematic
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3-
1+
IF
VF
Tr1
Tr2
Pin Configuration (Top View)
VCC
GND
SHIELD
1
3
4
5
6
2
1: ANODE
2: N.C.
3: CATHODE
4: GND
5: VO (Output)
6: VCC
Start of commercial production
2008/11


유사한 부품 번호 - TLP715_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
More results

유사한 설명 - TLP715_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
   Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com