전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP754 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP754
상세설명  Inverter logic type (open collector output)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP754 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP754_15 Datasheet HTML 1Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 2Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 3Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 4Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 5Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 6Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 7Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 8Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLP754
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP754
TLP754
TLP754
TLP754
Start of commercial production
2012-01
1.
1.
1.
1. Applications
Applications
Applications
Applications
Intelligent Power Module Signal Isolation
Factory Automation (FA)
Industrial Inverters
2.
2.
2.
2. General
General
General
General
The TLP754 is a photocoupler in a DIP8 package that consists of a GaAℓAs infrared light-emitting diode (LED)
optically coupled to an integrated high-gain, high-speed photodetector IC chip. It provides guaranteed performance
and specifications at temperatures up to 125 .An internal noise shield provides a guaranteed common mode
transient immunity of ±20 kV/µs. The TLP754 guarantees minimum and maximum of propagation delay time,
pulse width distortion. Therefore it is suitable for isolation interface between IPM and control IC circuits in motor
control application.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Inverter logic type (open collector output)
(2)
Package: DIP8
(3)
Operating temperature: -40 to 125 
(4)
Supply voltage: -0.5 to 30 V
(5)
Threshold input current: 5.0 mA (max)
(6)
Supply current: 1.3 mA (max)
(7)
Propagation delay time: tpHL = 400 ns (max), tpLH = 550 ns (max)
(8)
Pulse width distortion: 400 ns (max)
(9)
Common-mode transient immunity: ±20 kV/µs (min)
(10) Isolation voltage: 5000 Vrms (min)
(11) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When a VDE approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
2015-12-26
Rev.5.0
©2015 Toshiba Corporation


유사한 부품 번호 - TLP754_15

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
   Photocouplers GaA As Infrared LED & Photo IC
More results

유사한 설명 - TLP754_15

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
   Octal inverter buffer open-collector
1989 Nov 27
logo
Toshiba Semiconductor
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
   Inverter logic type (Totem pole output)
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
   Inverter logic type (totem pole output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
   Inverter logic type (Totem pole output)
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06_1 Datasheet
63Kb / 6P
   Hex Inverter Buffers / Drivers (with Open Collector High-Voltage Output)
logo
Fairchild Semiconductor
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
   Hex Inverter with Open-Collector Outputs
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
   Hex Inverter with Open Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com