전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP2662F 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TLP2662F
상세설명  Photocouplers GaA-As Infrared LED and Photo IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2662F 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP2662F Datasheet HTML 2Page - Toshiba Semiconductor TLP2662F Datasheet HTML 3Page - Toshiba Semiconductor TLP2662F Datasheet HTML 4Page - Toshiba Semiconductor TLP2662F Datasheet HTML 5Page - Toshiba Semiconductor TLP2662F Datasheet HTML 6Page - Toshiba Semiconductor TLP2662F Datasheet HTML 7Page - Toshiba Semiconductor TLP2662F Datasheet HTML 8Page - Toshiba Semiconductor TLP2662F Datasheet HTML 9Page - Toshiba Semiconductor TLP2662F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLP2662,TLP2662F
6
12.
12.
12.
12. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 5.5 V (Each channel))
= 2.7 to 5.5 V (Each channel))
= 2.7 to 5.5 V (Each channel))
= 2.7 to 5.5 V (Each channel))
Characteristics
Propagation delay time
(H/L)
Propagation delay time
(L/H)
Pulse width distortion
Propagation delay
skew (device to device)
Fall time
Rise time
Common-mode
transient immunity at
output high
Common-mode
transient immunity at
output low
Symbol
tpHL
tpLH
|tpHL-
tpLH|
tpsk
tf
tr
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1), (Note
2)
(Note 1)
(Note 1)
Test
Circuit
Fig.
13.1.5
Fig.
13.1.5
Fig.
13.1.5
Fig.
13.1.5
Fig.
13.1.5
Fig.
13.1.5
Fig.
13.1.6
Fig.
13.1.6
Test Condition
IF = 0 → 7.5 mA, RL = 350 Ω,
CL = 15 pF
IF = 7.5 → 0 mA, RL = 350 Ω,
CL = 15 pF
IF = 0 ←→ 7.5 mA,
RL = 350 Ω, CL = 15 pF
IF = 0 ←→ 7.5 mA,
RL = 350 Ω, CL = 15 pF
IF = 0 → 7.5 mA, RL = 350 Ω,
CL = 15 pF
IF = 7.5 → 0 mA, RL = 350 Ω,
CL = 15 pF
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 3.3 V/5 V, Ta = 25 
VCM = 1000 Vp-p, IF = 10 mA,
VCC = 3.3 V/5 V, Ta = 25 
Min
-40
±20
±20
Typ.
27
25
3
12
±25
±25
Max
75
75
35
40
Unit
ns
ns
ns
ns
ns
ns
kV/µs
kV/µs
Note:
All typical values are at Ta = 25 .
Note 1: f = 5 MHz, duty = 50 %, input current tr = tf = 5 ns, CL is approximately 15 pF which includes probe and stray
wiring capacitance.
Note 2: The propagation delay skew, tpsk, is equal to the magnitude of the worst-case difference in tpHL and/or tpLH
that will be seen between units at the same given conditions (supply voltage, input current, temperature, etc).
2015-11-30
Rev.5.0
©2015 Toshiba Corporation


유사한 부품 번호 - TLP2662F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP2662F TOSHIBA-TLP2662F Datasheet
445Kb / 16P
   Photocouplers GaAAs Infrared LED & Photo IC
More results

유사한 설명 - TLP2662F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com