전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP7930 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TLP7930
상세설명  Photocouplers Optically Isolated Delta-Sigma Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7930 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TLP7930 Datasheet HTML 6Page - Toshiba Semiconductor TLP7930 Datasheet HTML 7Page - Toshiba Semiconductor TLP7930 Datasheet HTML 8Page - Toshiba Semiconductor TLP7930 Datasheet HTML 9Page - Toshiba Semiconductor TLP7930 Datasheet HTML 10Page - Toshiba Semiconductor TLP7930 Datasheet HTML 11Page - Toshiba Semiconductor TLP7930 Datasheet HTML 12Page - Toshiba Semiconductor TLP7930 Datasheet HTML 13Page - Toshiba Semiconductor TLP7930 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TLP7930,TLP7930F
10
16.
16.
16.
16. EN60747-5-5 Option (D4) Specification
EN60747-5-5 Option (D4) Specification
EN60747-5-5 Option (D4) Specification
EN60747-5-5 Option (D4) Specification
Part number: TLP7930 (Note)
(Note)
(Note)
(Note)
The following part naming conventions are used for the devices that have been qualified according to
option (D4) of EN60747.
Example: TLP7930(D4-TP1,F(O
D4:EN60747 option
TP1:Tape type
F:[[G]]/RoHS COMPATIBLE (Note 1)
(Note 1)
(Note 1)
(Note 1)
Domestic ID (Country/Region of origin: Japan): (O
Note:
Use TOSHIBA standard type number for safety standard application.
e.g., TLP7930(D4-TP1,F(O → TLP7930
Note 1: Please contact your Toshiba sales representative for details on environmental information such as the product's
RoHS compatibility.
RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronics equipment.
Fig.
Fig.
Fig.
Fig. 16.1
16.1
16.1
16.1 EN60747 Insulation Characteristics
EN60747 Insulation Characteristics
EN60747 Insulation Characteristics
EN60747 Insulation Characteristics
2016-04-14
Rev.2.0
©2016 Toshiba Corporation


유사한 부품 번호 - TLP7930

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP7920F TOSHIBA-TLP7920F Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
   Cordless Telephone
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
More results

유사한 설명 - TLP7930

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com