전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3445MM 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM3445MM
상세설명  TRIAC Dimmable Offline LED Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445MM 데이터시트(HTML) 5 Page - Texas Instruments

  LM3445MM Datasheet HTML 1Page - Texas Instruments LM3445MM Datasheet HTML 2Page - Texas Instruments LM3445MM Datasheet HTML 3Page - Texas Instruments LM3445MM Datasheet HTML 4Page - Texas Instruments LM3445MM Datasheet HTML 5Page - Texas Instruments LM3445MM Datasheet HTML 6Page - Texas Instruments LM3445MM Datasheet HTML 7Page - Texas Instruments LM3445MM Datasheet HTML 8Page - Texas Instruments LM3445MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
LM3445
www.ti.com
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
6.5 Electrical Characteristics
All Typical limits are for TJ = 25°C and all Maximum and Minimum limits apply over the full Operating Temperature Range ( TJ
=
−40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = +25ºC, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BLEEDER
RBLDR
Bleeder resistance to GND
IBLDR = 10 mA
230
325
VCC SUPPLY
IVCC
Operating supply current
2
2.85
mA
Rising threshold
7.4
7.7
VCC-UVLO
Falling threshold
6
6.4
V
Hysterisis
1
COFF
VCOFF
Time out threshold
1.225
1.276
1.327
V
RCOFF
Off timer sinking impedance
33
60
tCOFF
Restart timer
180
µs
CURRENT LIMIT
VISNS
ISNS limit threshold
1.174
1.269
1.364
V
Leading edge blanking time
125
ns
Current limit reset delay
180
µs
tISNS
ISNS = 0 to 1.75-V
ISNS limit to GATE delay
33
ns
step
INTERNAL PWM RAMP
fRAMP
Frequency
5.85
kHz
Valley voltage
0.96
1
1.04
VRAMP
V
Peak voltage
2.85
3
3.08
DRAMP
Maximum duty cycle
96.5%
98%
DIM DECODER
tANG_DET
Angle detect rising threshold
Observed on BLDR pin
6.79
7.21
7.81
V
ASNS filter delay
4
µs
VASNS
ASNS VMAX
3.85
4
4.15
V
ASNS drive capability sink
VASNS = 2 V
7.6
ASNS drive capability source
VASNS = 2 V
–4.3
IASNS
mA
DIM low sink current
VDIM = 1 V
1.65
2.8
DIM High source current
VDIM = 4 V
–4
–3
PWM input voltage
DIM low voltage
0.9
1.33
threshold
VDIM
V
DIM high voltage
2.33
3.15
VTSTH
Tri-state threshold voltage
Apply to FLTR1 pin
4.87
5.25
V
RDIM
DIM comparator tri-state impedance
10
M
CURRENT SENSE COMPARATOR
VFLTR2
FLTR2 open circuit voltage
720
750
780
mV
RFLTR2
FLTR2 impedance
420
k
VOS
Current sense comparator offset voltage
–4
0.1
4
mV
GATE DRIVE OUTPUT
VDRVH
GATE high saturation
IGATE = 50 mA
0.24
0.5
V
VDRVL
GATE low saturation
IGATE = 100 mA
0.22
0.5
Peak souce current
GATE = VCC/2
–0.77
IDRV
A
Peak sink current
GATE = VCC/2
0.88
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3445


유사한 부품 번호 - LM3445MM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3445MM NSC-LM3445MM Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445MMX NSC-LM3445MMX Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MMX TI-LM3445MMX Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results

유사한 설명 - LM3445MM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com