전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP161J 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP161J
상세설명  TOSHIBA Photocoupler GaAs IRED and Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161J 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP161J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP161J_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP161J
2014-09-22
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
LED
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V
= 0, f = 1 MHz
30
pF
Detector
Peak off-state current
IDRM
VDRM = 600 V
10
1000
nA
Peak on-state voltage
VTM
ITM = 70 mA
1.7
2.8
V
Holding current
IH
0.6
mA
Critical rate of rise of
off-state voltage
dv/dt
Vin = 240 Vrms, Ta = 85°C (Figure 1)
200
500
V/
μs
Critical rate of rise of
commutating voltage
dv/dt(c)
Vin = 60 Vrms, IT = 15 mA (Figure 1)
0.2
V/
μs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
VT = 6 V
5
10
mA
Inhibit voltage
VIH
IF = Rated IFT
50
V
Leakage in inhibited state
IIH
IF = Rated IFT, VT = Rated VDRM
200
600
μA
Capacitance (input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
1
× 10
12
10
14
Ω
Isolation voltage
BVS
AC, 1 minute
2500
Vrms
AC, 1 second, in oil
5000
DC, 1 minute, in oil
5000
Vdc
Figure 1 dv/dt Test Circuit
4
3
1
+
Rin
RL
6
4 k
Ω
120
Ω
Vin
VCC
5 V, VCC
0 V
dv/dt(c)
dv/dt


유사한 부품 번호 - TLP161J_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
More results

유사한 설명 - TLP161J_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP361J TOSHIBA-TLP361J_14 Datasheet
207Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP163J TOSHIBA-TLP163J Datasheet
211Kb / 5P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
TLP160G TOSHIBA-TLP160G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP360J TOSHIBA-TLP360J_14 Datasheet
186Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com