전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP292-4 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP292-4
상세설명  TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP292-4 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP292-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TLP292-4
2015-10-21
5
Characteristics Curves (Note)
I F - Ta
P C - Ta
Ambient temperature
Ta (˚C)
Ambient temperature
Ta (˚C)
I FP - D R
I F - V F
Duty cycle ratio
DR
Input forward voltage
VF
(V)
∆ V F / ∆ Ta - I F
I F P – V F P
Input forward current
IF (mA)
Input forward voltage (pulsed)
VFP
(V)
Note: The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
Pules width
≤100 μs
Ta=25˚C
10-3
10-2
10-1
100
Pulse width
≤10 μs
Repetitive frequency=100 Hz
Ta=25°C
This
curve
shows
the
maximum limit to the input
forward current.
This curve shows the maximum
limit to the collector power
dissipation.
This
curve
shows
the
maximum limit to the input
forward current (pulsed).
125
˚C
11
0˚C
85
˚C
50
˚C
25
˚C
0
˚C
-25
˚C
-55
˚C


유사한 부품 번호 - TLP292-4

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results

유사한 설명 - TLP292-4

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP293-4 TOSHIBA-TLP293-4 Datasheet
720Kb / 12P
   TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com