전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM5H01TU 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 SSM5H01TU
상세설명  Silicon N Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Barrier Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5H01TU 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  SSM5H01TU_14 Datasheet HTML 1Page - Toshiba Semiconductor SSM5H01TU_14 Datasheet HTML 2Page - Toshiba Semiconductor SSM5H01TU_14 Datasheet HTML 3Page - Toshiba Semiconductor SSM5H01TU_14 Datasheet HTML 4Page - Toshiba Semiconductor SSM5H01TU_14 Datasheet HTML 5Page - Toshiba Semiconductor SSM5H01TU_14 Datasheet HTML 6Page - Toshiba Semiconductor SSM5H01TU_14 Datasheet HTML 7Page - Toshiba Semiconductor SSM5H01TU_14 Datasheet HTML 8Page - Toshiba Semiconductor SSM5H01TU_14 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SSM5H01TU
2014-03-01
1
Silicon N Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Barrier Diode
SSM5H01TU
DC-DC Converter
• Combined Nch MOSFET and Schottky Diode into one Package.
• Low RDS (ON) and Low VF
Absolute Maximum Ratings (Ta = 25°C) MOSFET
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
30
V
Gate-Source voltage
VGSS
±20
V
DC
ID
1.4
Drain current
Pulse
IDP (Note 2)
2.8
A
PD (Note 1)
0.5
Drain power dissipation
t
= 10s
0.8
W
Channel temperature
Tch
150
°C
Absolute Maximum Ratings (Ta = 25°C) SCHOTTKY
DIODE
Characteristics
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
25
V
Reverse voltage
VR
20
V
Average forward current
IO
0.5
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
2 (50 Hz)
A
Junction temperature
Tj
125
°C
Absolute Maximum Ratings (Ta = 25°C) MOSFET, DIODE COMMON
Characteristics
Symbol
Rating
Unit
Storage temperature
Tstg
−55~125
°C
Operating temperature
Topr
(Note 3)
−40~100
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 t, Cu pad: 645 mm2)
Note 2: The pulse width limited by max channel temperature.
Note 3: Operating temperature limited by max channel temperature and max junction temperature.
Unit: mm
UFV
JEDEC
JEITA
TOSHIBA
2-2R1A
Weight: 7 mg (typ.)
Start of commercial production
2002-05


유사한 부품 번호 - SSM5H01TU_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM5H01TU TOSHIBA-SSM5H01TU Datasheet
193Kb / 10P
   DC-DC Converter
SSM5H01TU TOSHIBA-SSM5H01TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - SSM5H01TU_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU_14 Datasheet
226Kb / 10P
   Silicon P Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Barrier Diode
SSM5H14F TOSHIBA-SSM5H14F Datasheet
319Kb / 7P
   Silicon N Channel MOS Type (U-MOS??/Silicon Epitaxial Schottky Barrier Diode
SSM5H08TU TOSHIBA-SSM5H08TU_14 Datasheet
314Kb / 10P
   Silicon N Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5H16TU TOSHIBA-SSM5H16TU Datasheet
200Kb / 7P
   Silicon N Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5H11TU TOSHIBA-SSM5H11TU Datasheet
228Kb / 8P
   Silicon N Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
TPCP8BA1 TOSHIBA-TPCP8BA1 Datasheet
215Kb / 4P
   Silicon P Channel MOS Type (U-MOS-II) / Silicon Epitaxial Schottky Barrier Diode
SSM5H06FE TOSHIBA-SSM5H06FE_14 Datasheet
230Kb / 8P
   Silicon N Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
TPC8305 TOSHIBA-TPC8305 Datasheet
520Kb / 7P
   Silicon P Channel MOS Type (U-MOSII)
SSM5G11TU TOSHIBA-SSM5G11TU_14 Datasheet
208Kb / 8P
   Silicon P Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5G09TU TOSHIBA-SSM5G09TU_14 Datasheet
313Kb / 10P
   Silicon P Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com