전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM5H11TU 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 SSM5H11TU
상세설명  Silicon N Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5H11TU 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  SSM5H11TU Datasheet HTML 1Page - Toshiba Semiconductor SSM5H11TU Datasheet HTML 2Page - Toshiba Semiconductor SSM5H11TU Datasheet HTML 3Page - Toshiba Semiconductor SSM5H11TU Datasheet HTML 4Page - Toshiba Semiconductor SSM5H11TU Datasheet HTML 5Page - Toshiba Semiconductor SSM5H11TU Datasheet HTML 6Page - Toshiba Semiconductor SSM5H11TU Datasheet HTML 7Page - Toshiba Semiconductor SSM5H11TU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SSM5H11TU
2014-03-01
5
MOSFET
Drain current ID (A)
|Yfs| – ID
0.1
10
1
0.1
1
3
0.3
0.01
Drain-source voltage VDS (V)
C – VDS
1
0.1
1
10
100
10
100
30
50
3
5
Common Source
Ta
= 25°C
f
= 1 MHz
VGS = 0 V
Drain current ID (A)
t – ID
1
0.01
100
0.1
1000
1
10
10
tf
ton
tr
Common Source
VDD = 15 V
VGS = 0 to 4.0 V
Ta
= 25 °C
RG = 10 Ω
Drain-source voltage VDS (V)
IDR – VDS
10
0
0.1
1
0.001
0.01
–0.5
–1.0
−25 °C
Ta =100 °C
25 °C
–1.5
Common Source
VGS = 0 V
G
D
S
IDR
toff
10
Ciss
Coss
Crss
500
300
1000
Common Source
VDS = 5 V
Ta
= 25°C
Total Gate Charge Qg (nC)
Dynamic Input Characteristic
0
0
VDD = 15 V
2
4
8
6
10
6
2
Common Source
ID = 1.6A
Ta
= 25°C
VDD = 24 V
4
1
3
5


유사한 부품 번호 - SSM5H11TU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM5H11TU TOSHIBA-SSM5H11TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - SSM5H11TU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM5H08TU TOSHIBA-SSM5H08TU_14 Datasheet
314Kb / 10P
   Silicon N Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5H16TU TOSHIBA-SSM5H16TU Datasheet
200Kb / 7P
   Silicon N Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5G11TU TOSHIBA-SSM5G11TU_14 Datasheet
208Kb / 8P
   Silicon P Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5G09TU TOSHIBA-SSM5G09TU_14 Datasheet
313Kb / 10P
   Silicon P Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5H14F TOSHIBA-SSM5H14F Datasheet
319Kb / 7P
   Silicon N Channel MOS Type (U-MOS??/Silicon Epitaxial Schottky Barrier Diode
SSM5H01TU TOSHIBA-SSM5H01TU_14 Datasheet
213Kb / 10P
   Silicon N Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Barrier Diode
TPCP8BA1 TOSHIBA-TPCP8BA1 Datasheet
215Kb / 4P
   Silicon P Channel MOS Type (U-MOS-II) / Silicon Epitaxial Schottky Barrier Diode
SSM5H06FE TOSHIBA-SSM5H06FE_14 Datasheet
230Kb / 8P
   Silicon N Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
SSM5G02TU TOSHIBA-SSM5G02TU_14 Datasheet
226Kb / 10P
   Silicon P Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Barrier Diode
SSM5G06FE TOSHIBA-SSM5G06FE Datasheet
298Kb / 8P
   Silicon P-Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com