전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP4597G 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP4597G
상세설명  TOSHIBA Photocoupler Photorelay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4597G 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP4597G_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP4597G_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP4597G_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP4597G_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP4597G_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP4597G_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP4597G
2014-09-01
1
TOSHIBA Photocoupler Photorelay
TLP4597G
PBX
Telecommunication
Modem・FAX Cards, Modems In PC
Measurement Instrumentation
The TOSHIBA TLP4597G consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOSFET in a six
lead plastic DIP package (DIP6).
The TLP4597G is a bi-directional switch which can replace mechanical
relays in many applications.
• 6 pin DIP (DIP6)
• 1-form-B
• Peak off-state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 150 mA (max)
• On-state resistance: 25 Ω (max)
• Isolation voltage: 2500 Vrms (min)
• UL recognized: UL1577, File No. E67349
Pin Configuration (top view)
Schematic
Unit: mm
JEDEC
JEITA
TOSHIBA
11-7A8
Weight: 0.4 g (typ.)
1
3
6
4
1: ANODE
2: CATHODE
4: DRAIN D1
5: SOURCE
6: DRAIN D2
2
5
1
6
4
2
5
Start of commercial production
2000/09


유사한 부품 번호 - TLP4597G_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
More results

유사한 설명 - TLP4597G_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
   TOSHIBA Photocoupler Photorelay
2021-04-01
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
   TOSHIBA Photocoupler Photorelay
2019-06-24
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
   TOSHIBA Photocoupler Photorelay
2019-06-17
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com