전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM3K106TU 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 SSM3K106TU
상세설명  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K106TU 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  SSM3K106TU_14 Datasheet HTML 1Page - Toshiba Semiconductor SSM3K106TU_14 Datasheet HTML 2Page - Toshiba Semiconductor SSM3K106TU_14 Datasheet HTML 3Page - Toshiba Semiconductor SSM3K106TU_14 Datasheet HTML 4Page - Toshiba Semiconductor SSM3K106TU_14 Datasheet HTML 5Page - Toshiba Semiconductor SSM3K106TU_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SSM3K106TU
2014-03-01
5
Rth - tw
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Pulse Width tw (S)
a
b
c
Single pulse
a:Mounted on a ceramic board
(25.4mm×25.4mm×0.8mm)
Cu Pad :25.4mm×25.4mm
b:Mounted on an FR4 board
(25.4mm×25.4mm×1.6mm)
Cu Pad :25.4mm×25.4mm
c:Mounted on an FR4 Board
(25.4mm×25.4mm×1.6mm)
Cu Pad :0.45mm×0.8mm×3


유사한 부품 번호 - SSM3K106TU_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM3K106TU TOSHIBA-SSM3K106TU Datasheet
138Kb / 6P
   Silicon N Channel MOS Type High-Speed Switching Applications
SSM3K106TU TOSHIBA-SSM3K106TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - SSM3K106TU_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com