전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM3K116TU 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 SSM3K116TU
상세설명  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K116TU 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  SSM3K116TU_14 Datasheet HTML 1Page - Toshiba Semiconductor SSM3K116TU_14 Datasheet HTML 2Page - Toshiba Semiconductor SSM3K116TU_14 Datasheet HTML 3Page - Toshiba Semiconductor SSM3K116TU_14 Datasheet HTML 4Page - Toshiba Semiconductor SSM3K116TU_14 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3K116TU
2014-03-01
2
Switching Time Test Circuit
(a) Test Circuit
(b) VIN
Marking
Equivalent Circuit (top view)
Precaution
Vth can be expressed as the voltage between gate and source when the low operating current value is ID=0.1mA for
this product. For normal switching operation, VGS (on) requires a higher voltage than Vth, and VGS (off) requires a lower
voltage than Vth.
(The relationship can be established as follows: VGS (off) < Vth < VGS (on))
Take this into consideration when using the device.
Handling Precaution
When handling individual devices which are not yet mounted on a circuit board, be sure that the environment is
protected against electrostatic discharge. Operators should wear anti-static clothing, and containers and other objects
that come into direct contact with devices should be made of anti-static materials.
(c) VOUT
VDD = 10 V
RG = 4.7 Ω
Duty ≤ 1%
VIN: tr, tf < 5 ns
Common Source
Ta
= 25°C
VDD
OUT
IN
2.5 V
0
10
μs
tf
ton
90%
10%
2.5 V
0 V
10%
90%
toff
tr
VDD
VDS (ON)
KK9
1
2
3
1
2
3


유사한 부품 번호 - SSM3K116TU_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM3K116TU TOSHIBA-SSM3K116TU Datasheet
142Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K116TU TOSHIBA-SSM3K116TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - SSM3K116TU_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com