전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM6K210FE 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 SSM6K210FE
상세설명  TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6K210FE 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  SSM6K210FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6K210FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6K210FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6K210FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6K210FE Datasheet HTML 5Page - Toshiba Semiconductor SSM6K210FE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSM6K210FE
2014-03-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain-source breakdown voltage
V (BR) DSS
ID = 1 mA, VGS = 0 V
30
V
Drain cutoff current
IDSS
VDS = 30 V, VGS = 0 V
1
μA
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±1
μA
Gate threshold voltage
Vth
VDS = 5 V, ID = 1 mA
1.1
2.6
V
Forward transfer admittance
⏐Yfs
VDS = 5 V, ID = 0.6 A
(Note 2)
0.73
1.45
S
ID = 0.6 A, VGS = 10 V
(Note 2)
171
228
Drain-source ON-resistance
RDS (ON)
ID = 0.6 A, VGS = 4.0 V
(Note 2)
271
371
m
Ω
Input capacitance
Ciss
57
Output capacitance
Coss
33
Reverse transfer capacitance
Crss
VDS = 15 V, VGS = 0 V, f = 1 MHz
12
pF
Total Gate Charge
Qg
2.8
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
VDS = 15 V, ID = 1.5 A, VGS = 10 V
1.2
nC
Turn-on time
ton
12.0
Switching time
Turn-off time
toff
VDD = 15 V, ID = 0.6 A,
VGS = 0 to 4.0 V, RG = 10 Ω
6.9
ns
Drain-source forward voltage
VDSF
ID = -1.4 A, VGS = 0 V
(Note 2)
-0.85
-1.2
V
Note 2: Pulse test
Switching Time Test Circuit
Notice on Usage
Let Vth be the voltage applied between gate and source that causes the drain current (ID) to below (1 mA for the
SSM6K210FE). Then, for normal switching operation, VGS(on) must be higher than Vth, and VGS(off) must be lower than
Vth. This relationship can be expressed as: VGS(off) < Vth < VGS(on).
Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is
protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that
come into direct contact with devices should be made of antistatic materials.
4.0 V
ton
toff
(b) VIN
(c) VOUT
0 V
VDD
VDS (ON)
tr
tf
10%
90%
90%
10%
(a) Test Circuit
VDD = 15 V
RG = 10 Ω
Duty
≤ 1%
VIN: tr, tf < 5 ns
Common Source
Ta
= 25°C
0
4.0 V
IN
OUT
VDD
10
μs


유사한 부품 번호 - SSM6K210FE

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM6K210FE TOSHIBA-SSM6K210FE Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - SSM6K210FE

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com